Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3150A Datasheet(PDF) 75 Page - Texas Instruments

Part # TNETX3150A
Description  ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3150A Datasheet(HTML) 75 Page - Texas Instruments

Back Button TNETX3150A Datasheet HTML 71Page - Texas Instruments TNETX3150A Datasheet HTML 72Page - Texas Instruments TNETX3150A Datasheet HTML 73Page - Texas Instruments TNETX3150A Datasheet HTML 74Page - Texas Instruments TNETX3150A Datasheet HTML 75Page - Texas Instruments TNETX3150A Datasheet HTML 76Page - Texas Instruments TNETX3150A Datasheet HTML 77Page - Texas Instruments TNETX3150A Datasheet HTML 78Page - Texas Instruments TNETX3150A Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 113 page
background image
TNETX3150/TNETX3150A
ThunderSWITCH™ 15-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997
75
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
secondary test access: internal RAM access modes
When implementing an architecture that employs embedded RAM structures, it is necessary to ensure test
access over and above JTAG connectivity testing through standard interfacing. The DIO interface used by the
TNETX3150/TNETX3150A
enables
the
user
to
interrogate
the
internal
RAMS
of
the
TNETX3150/TNETX3150A. User interrogation gives the required observability for the RAM and the data they
contain.
RAM test access is desirable at all levels of testing:
• Silicon production level that enables detection of defective devices
• System production level that permits diagnostic testing
• Field level that permits diagnostics and debugging
FIFO RAM test access
FIFO RAM access for test is provided through the DIO interface. This allows full RAM access for RAM testing
purposes. Access to the FIFO shall be allowed only following a soft reset and before the START bit is written
(or after power up and before the START bit is written). The soft reset bit should be set, then immediately reset.
If the soft reset bit is not cleared, the TNETX3150/TNETX3150A holds the DRAM refresh logic operation in reset
and the contents of the external memory becomes invalid.
To access the FIFO RAM from the DIO, bytes are written to a holding latch that is the width of the RAM word
(72 bits). When a byte is accessed, the whole word is updated in RAM. If the same pattern is to be loaded
throughout the memory, it requires only a new FIFO RAM address for setup between accesses on a single byte
within the word. The data in the latch does not change (i.e., a read /modify/write is not performed).
structure (statistics) RAM test access
Test access to the statistics RAM is provided through the DIO port after the TNETX3150/TNETX3150A is soft
reset (or following power up before the start bit is set). In this mode, all locations of the RAM can be written to
and read from. Once the start bit is set, only read access is permitted to the RAM. When asserting soft reset,
it is important to reset the soft reset bit immediately after setting it. This ensures that the DRAM refresh logic
operation is not held at reset. If held at reset, normal DRAM refreshes fail to occur, and the DRAM contents
become invalid.
To access the structure RAM from the DIO, bytes are written to a holding latch that is the width of the RAM word
(64 bits). When a byte is accessed, the whole word is updated in RAM. If the same pattern is loaded throughout
the memory, it requires only a new structure RAM address for setup between accesses on a single byte within
the word. The data in the latch does not change (i.e., a read/modify/write is not performed).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com