Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3150A Datasheet(PDF) 78 Page - Texas Instruments

Part # TNETX3150A
Description  ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3150A Datasheet(HTML) 78 Page - Texas Instruments

Back Button TNETX3150A Datasheet HTML 74Page - Texas Instruments TNETX3150A Datasheet HTML 75Page - Texas Instruments TNETX3150A Datasheet HTML 76Page - Texas Instruments TNETX3150A Datasheet HTML 77Page - Texas Instruments TNETX3150A Datasheet HTML 78Page - Texas Instruments TNETX3150A Datasheet HTML 79Page - Texas Instruments TNETX3150A Datasheet HTML 80Page - Texas Instruments TNETX3150A Datasheet HTML 81Page - Texas Instruments TNETX3150A Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 113 page
background image
TNETX3150/TNETX3150A
ThunderSWITCH15-PORT 10-/100-MBIT/S ETHERNETSWITCH
SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997
78
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
internal and external frame-wrap example (continued)
Step 2.
While the TNETX3150/TNETX3150A is in reset, configure the VLAN mask registers
(0x00A4–0x00C1). For this example, all ports are in the wrap chain.
VLAN0 MASK
=
0x0002
VLAN1 MASK
=
0x0004
VLAN2 MASK
=
0x0008
VLAN3 MASK
=
0x0010
VLAN4 MASK
=
0x0020
VLAN5 MASK
=
0x0040
VLAN6 MASK
=
0x0080
VLAN7 MASK
=
0x0100
VLAN8 MASK
=
0x0200
VLAN9 MASK
=
0x0400
VLAN10 MASK
=
0x0800
VLAN11 MASK
=
0x1000
VLAN12 MASK
=
0x2000
VLAN13 MASK
=
0x4000
VLAN14 MASK
=
0x0001
Step 3.
Start the TNETX3150/TNETX3150A by writing a 1 to the start bit and ensure that the IOBMOD bit
is also 1 (0x21 at address 0x00C3).
Step 4.
Set all ports into full duplex and enable all ports.
Step 5.
Set the BRUN bit to zero (address 0x00A1).
Step 6.
Configure the TNETX3150/TNETX3150A for test mode by writing a 1 to the MTEST bit (address
0x00C2).
Step 7.
Configure the TNETX3150/TNETX3150A for internal wrap mode by writing a 1 to the INTWRAP. The
port that is not wrapped (00, 02, or 14) is used to inject and observe test data frames from internally
wrapped ports. For port 00, write 0x02 at 14, write 0x00DD. For port 02, write 0x04 at address
0x00DD. For port 14, write 0x06 at address 0x00DD.
Step 8.
Transmit a broadcast/multicast frame into the TNETX3150/TNETX3150A port corresponding to the
INTWRAP setting. Whatever is sent into the test port is received by the same port (if the VLAN
register settings steered the packet back to that port). Compare the frame transmitted against the
frame received and verify that the TNETX3150/TNETX3150A is working correctly.
For external wrap mode, replace steps 7 and 8 with the following:
Step 7.
Configure the TNETX3150/TNETX3150A for external wrap mode by writing 0x08 at address
0x00DD.
Step 8.
Configure all PHY-layer devices except port 00 for internal loopback.
Step 9.
Transmit a broadcast/multicast frame into the TNETX3150/TNETX3150A on port 00. Whatever is
sent into the test port is received by the same port (if the VLAN register settings steer the packet back
to that port). Compare the frame transmitted against the frame received and verify that the
TNETX3150/TNETX3150A is working correctly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com