Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3150A Datasheet(PDF) 54 Page - Texas Instruments

Part # TNETX3150A
Description  ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3150A Datasheet(HTML) 54 Page - Texas Instruments

Back Button TNETX3150A Datasheet HTML 50Page - Texas Instruments TNETX3150A Datasheet HTML 51Page - Texas Instruments TNETX3150A Datasheet HTML 52Page - Texas Instruments TNETX3150A Datasheet HTML 53Page - Texas Instruments TNETX3150A Datasheet HTML 54Page - Texas Instruments TNETX3150A Datasheet HTML 55Page - Texas Instruments TNETX3150A Datasheet HTML 56Page - Texas Instruments TNETX3150A Datasheet HTML 57Page - Texas Instruments TNETX3150A Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 113 page
background image
TNETX3150/TNETX3150A
ThunderSWITCH15-PORT 10-/100-MBIT/S ETHERNETSWITCH
SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997
54
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
test registers
DIATST register at 0x00DD
BIT
7
6
5
4
3
2
1
0
Reserved
DPWRAP
INTWRAP
Reserved
Initial Values After Reset
X
X
X
X
0
0
0
0
BIT
NAME
FUNCTION
7–4
Reserved
Reserved
3
DPWRAP
Duplex wrap mode. When DPWRAP = 1, all ports are forced into full-duplex mode and all ports can receive
frames they transmit. This enables external wrap testing at the PHY.
2–1
INTWRAP
Internal wrap mode. Ports 1–14 internally wrap back according to the following two-bit coding (INTWRAP
bit 2 and bit 1, respectively).
00 No internal wrapping
01 All ports internally wrapped except port 00 (uplink)
10 All ports internally wrapped except port 02
11 All ports internally wrapped except port 14
(The port that is not wrapped (00, 02, or 14) should be used to inject and observe test data frames from the
internally wrapped ports.)
0
Reserved
port N statistics at 0x80*N + 0x8000 through 0x80*N + 0x807F (N = port number in hex)
+7
+6
+5
+4
+3
+2
+1
+0
ADDRESS
Good RX frames
RX octets
0x80*N + 0x8000
+0x00–0x07
Multicast RX frames
Broadcast RX frames
0x80*N + 0x8000
+0x08–0x0F
RX align/code errors
RX CRC errors
0x80*N + 0x8000
+0x10–0x17
RX jabbers
Oversize RX frames
0x80*N + 0x8000
+0x18–0x1F
RX fragments
Undersize RX frames
0x80*N + 0x8000
+0x20–0x27
Frames 65–127
Frame 64
0x80*N + 0x8000
+0x28–0x2F
Frames 256–511
Frames 128–255
0x80*N + 0x8000
+0x30–0x37
Frames 1024–1518
Frames 512–1023
0x80*N + 0x8000
+0x38–0x3F
SQE test errors
Net octets
0x80*N + 0x8000
+0x40–0x47
Good TX frames
TX octets
0x80*N + 0x8000
+0x48–0x4F
Multi-collision TX frames
Single-collision TX frames
0x80*N + 0x8000
+0x50–0x57
Deferred TX frames
Carrier sense errors
0x80*N + 0x8000
+0x58–0x5F
Excessive collisions
Late collisions
0x80*N + 0x8000
+0x60–0x67
Multicast TX frames
Broadcast TX frames
0x80*N + 0x8000
+0x68–0x6F
TX data errors†
Filtered RX frames
0x80*N + 0x8000
+0x70–0x77
Address changes/mismatches
Address duplications
0x80*N + 0x8000
+0x78–0x7F
† The operation of this counter is controlled by the STMAP bit in the system control register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com