Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3535ECWI Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # MAX3535ECWI
Description  3V to 5V, 2500VRMS Isolated RS-485/RS-422 Transceivers with 짹15kV ESD Protection
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3535ECWI Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button MAX3535ECWI Datasheet HTML 16Page - Maxim Integrated Products MAX3535ECWI Datasheet HTML 17Page - Maxim Integrated Products MAX3535ECWI Datasheet HTML 18Page - Maxim Integrated Products MAX3535ECWI Datasheet HTML 19Page - Maxim Integrated Products MAX3535ECWI Datasheet HTML 20Page - Maxim Integrated Products MAX3535ECWI Datasheet HTML 21Page - Maxim Integrated Products MAX3535ECWI Datasheet HTML 22Page - Maxim Integrated Products MAX3535ECWI Datasheet HTML 23Page - Maxim Integrated Products MAX3535ECWI Datasheet HTML 24Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
Transformer Selection
The MXL1535E is a pin-for-pin compatible upgrade of
the LTC1535, making any transformer designed for that
device suitable for the MXL1535E (see Table 4). These
transformers all have a turns ratio of about 1:1.3CT.
The MAX3535E can operate with any of the transformers
listed in Table 4, in addition to smaller, thinner transform-
ers designed for the MAX845 and MAX253. The 420kHz
transformer driver operates with single primary and cen-
ter-tapped secondary transformers. When selecting a
transformer, do not exceed its ET product, the product of
the maximum primary voltage and half the highest period
of oscillation (lowest oscillating frequency). This ensures
that the transformer does not enter saturation. Calculate
the minimum ET product for the transformer primary as:
ET = VMAX / (2 x fMIN)
where, VMAX is the worst-case maximum supply voltage,
and fMIN is the minimum frequency at that supply voltage.
Using +5.5V and 290kHz gives a required minimum ET
+3V to +5V, 2500VRMS Isolated RS-485/RS-422
Transceivers with ±15kV ESD Protection
20
______________________________________________________________________________________
TGM-250
1/2
BAT54C
TRANSFORMER
DRIVER
BARRIER
TRANSCEIVER
ISOLATION BARRIER
BARRIER
TRANSCEIVER
1/2
BAT54C
VOLTAGE
REGULATOR
GND2
+5V
DRIVER
RECEIVER
A
B
Y
Z
Y
Z
SLO
RO2
ST1
RO1
RO
RE
DE
DI
DI
GND1
ST2
VCC2
VCC1
VCC2
0.1
µF
0.1
µF
CONTROL GROUND
RS-422 GROUND
10
µF
10
µF
MAX3535E
MXL1535E
MAX488
R
D
A
B
120
Ω
120
Ω
R
D
D
R
Figure 12. Using the MAX3535E/MXL1535E as an RS-422 Line Repeater
VCC1
ROH
ROH
ROL
ROL
TRANSFORMER DRIVER OUTPUT STAGE
TRANSFORMER
PRIMARY
GND1
ST1
ST2
Figure 13. Transformer Driver Output Stage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com