Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3535ECWI Datasheet(PDF) 24 Page - Maxim Integrated Products

Part # MAX3535ECWI
Description  3V to 5V, 2500VRMS Isolated RS-485/RS-422 Transceivers with 짹15kV ESD Protection
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3535ECWI Datasheet(HTML) 24 Page - Maxim Integrated Products

Back Button MAX3535ECWI Datasheet HTML 17Page - Maxim Integrated Products MAX3535ECWI Datasheet HTML 18Page - Maxim Integrated Products MAX3535ECWI Datasheet HTML 19Page - Maxim Integrated Products MAX3535ECWI Datasheet HTML 20Page - Maxim Integrated Products MAX3535ECWI Datasheet HTML 21Page - Maxim Integrated Products MAX3535ECWI Datasheet HTML 22Page - Maxim Integrated Products MAX3535ECWI Datasheet HTML 23Page - Maxim Integrated Products MAX3535ECWI Datasheet HTML 24Page - Maxim Integrated Products MAX3535ECWI Datasheet HTML 25Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
+3V to +5V, 2500VRMS Isolated RS-485/RS-422
Transceivers with ±15kV ESD Protection
24
______________________________________________________________________________________
Chip Information
PROCESS: BiCMOS
TRANSISTOR COUNT: 7379
TGM-240
1/2
BAT54C
TRANSFORMER
DRIVER
BARRIER
TRANSCEIVER
ISOLATION BARRIER
BARRIER
TRANSCEIVER
1/2
BAT54C
VOLTAGE
REGULATOR
GND2
+3.3V
DRIVER
RECEIVER
A
B
Y
Z
SLO
RO2
ST1
RO1
µC
RE
DE
DI
GND1
ST2
VCC2
VCC1
VCC2
0.1
µF
0.1
µF
CONTROL GROUND
RS-485 GROUND
10
µF
10
µF
MAX3535E
Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com