Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3535ECWI Datasheet(PDF) 22 Page - Maxim Integrated Products

Part # MAX3535ECWI
Description  3V to 5V, 2500VRMS Isolated RS-485/RS-422 Transceivers with 짹15kV ESD Protection
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3535ECWI Datasheet(HTML) 22 Page - Maxim Integrated Products

Back Button MAX3535ECWI Datasheet HTML 17Page - Maxim Integrated Products MAX3535ECWI Datasheet HTML 18Page - Maxim Integrated Products MAX3535ECWI Datasheet HTML 19Page - Maxim Integrated Products MAX3535ECWI Datasheet HTML 20Page - Maxim Integrated Products MAX3535ECWI Datasheet HTML 21Page - Maxim Integrated Products MAX3535ECWI Datasheet HTML 22Page - Maxim Integrated Products MAX3535ECWI Datasheet HTML 23Page - Maxim Integrated Products MAX3535ECWI Datasheet HTML 24Page - Maxim Integrated Products MAX3535ECWI Datasheet HTML 25Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
±15kV ESD Protection
As with all Maxim devices, ESD-protection structures
are incorporated on all pins to protect against electro-
static discharges encountered during handling and
assembly. The driver outputs and receiver inputs have
extra protection against static electricity. Maxim’s engi-
neers have developed state-of-the-art structures to pro-
tect these pins against ESD of ±15kV without damage.
The ESD structures withstand high ESD in all states.
After an ESD event, the MAX3535E/MXL1535E keep
working without latchup. ESD protection can be tested
in various ways. The transmitter outputs and receiver
inputs of this product family are characterized for pro-
tection to ±15kV using the Human Body Model.
ESD Test Conditions
The ±15kV ESD test specifications apply only to the A,
B, Y, and Z I/O pins. The test surge is referenced to
GND2. All remaining pins are ±2kV ESD protected.
Human Body Model
Figure 14 shows the Human Body Model, and Figure
15 shows the current waveform it generates when dis-
charged into low impedance. This model consists of a
100pF capacitor charged to the ESD voltage of interest,
which is then discharged into the test device through a
1.5k
Ω resistor.
+3V to +5V, 2500VRMS Isolated RS-485/RS-422
Transceivers with ±15kV ESD Protection
22
______________________________________________________________________________________
Table 6. Transformers for MAX3535E at +3.3V
MANUFACTURER
PART
NUMBER
ISOLATION
VOLTAGE (1s)
PHONE
NUMBER
WEBSITE
TGM-040
500VRMS
TGM-240
2000VRMS
TGM-340
3000VRMS
HALO Electronics, Inc.
TGM-340
4500VRMS
650-903-3800
www.haloelectronics.com/6pin.html
BH Electronics, Inc.
500-2582
2000VRMS
952-894-9590
www.bhelectronics.com/PDFs/DC-
DCConverterTransformers.pdf
Coilcraft, Inc.
Q4470-C
1500VRMS
800-322-2645
44-1236-730595
www.coilcraft.com/minitrans.cfm
78253335
1500V
Newport/C&D Technologies
76253335
4000V
520-295-4300
www.dc-dc.com/products/productline.asp?ED=9
95062
1250V
Midcom, Inc.
95063
1250V
605-886-4385
www.midcom-inc.com
PCA Electronics, Inc.
EPC3115S-2
700V DC
818-894-5791
www.pca.com/Datasheets/EPC3117S-X.pdf
Rhombus Industries, Inc.
T-1107
1800VRMS
714-898-0960
www.rhombus-ind.com/pt-cat/maxim.pdf
Premier Magnetics Inc.
PM-SM16
1500VRMS
949-452-0511
www.premiermag.com/pdf/pmsm15.pdf
CHARGE-CURRENT-
LIMIT RESISTOR
DISCHARGE
RESISTANCE
STORAGE
CAPACITOR
Cs
100pF
RC 1M
RD 1500
HIGH-
VOLTAGE
DC
SOURCE
DEVICE
UNDER
TEST
Figure 14. Human Body ESD Test Model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com