Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3535ECWI Datasheet(PDF) 23 Page - Maxim Integrated Products

Part # MAX3535ECWI
Description  3V to 5V, 2500VRMS Isolated RS-485/RS-422 Transceivers with 짹15kV ESD Protection
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3535ECWI Datasheet(HTML) 23 Page - Maxim Integrated Products

Back Button MAX3535ECWI Datasheet HTML 17Page - Maxim Integrated Products MAX3535ECWI Datasheet HTML 18Page - Maxim Integrated Products MAX3535ECWI Datasheet HTML 19Page - Maxim Integrated Products MAX3535ECWI Datasheet HTML 20Page - Maxim Integrated Products MAX3535ECWI Datasheet HTML 21Page - Maxim Integrated Products MAX3535ECWI Datasheet HTML 22Page - Maxim Integrated Products MAX3535ECWI Datasheet HTML 23Page - Maxim Integrated Products MAX3535ECWI Datasheet HTML 24Page - Maxim Integrated Products MAX3535ECWI Datasheet HTML 25Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
+3V to +5V, 2500VRMS Isolated RS-485/RS-422
Transceivers with ±15kV ESD Protection
______________________________________________________________________________________
23
Machine Model
The Machine Model for ESD tests all pins using a
200pF storage capacitor and zero discharge resis-
tance. Its objective is to simulate the stress caused by
contact that occurs with handling and assembly during
manufacturing. All pins require this protection during
manufacturing, not just inputs and outputs. Therefore,
after PC board assembly, the Machine Model is less
relevant to I/O ports.
Skew
The self-oscillation circuit shown in Figure 5 is an excel-
lent way to get an approximate measure of the speed
of the MAX3535E/MXL1535E. An oscillation frequency
of 250kHz in this configuration implies a data rate of at
least 500kbps for the receiver and transmitter com-
bined. In practice, data can usually be sent and
received at a considerably higher data rate, normally
limited by the allowable jitter and data skew. If the sys-
tem can tolerate a 25% data skew, (the difference
between tPLH1 and tPHL1), the 285ns maximum jitter
specification implies a data rate of 877kbps. Lower
data rates result in less distortion and jitter (Figure 16).
Higher rates are possible but with more distortion and
jitter. The data rate should always be limited below
1.75Mbps for both receiver and driver to avoid interfer-
ence with the internal barrier communication.
Layout Considerations
The MAX3535E/MXL1535E pin configurations enable
optimal PC board layout by minimizing interconnection
lengths and crossovers:
• For maximum isolation, the isolation barrier should not
be breached except by the MAX3535E/MXL1535E and
the transformer. Connections and components from
one side of the barrier should not be located near those
of the other side of barrier.
•A shield trace connected to the ground on each side of
the barrier can help intercept capacitive currents that
might otherwise couple into the DI and SOL inputs. In a
double-sided or multilayer board, these shield traces
should be present on all conductor layers.
• Try to maximize the width of the isolation barrier
wherever possible. A clear space of at least 0.25in
between GND1 and GND2 is recommended.
IP 100%
90%
36.8%
tRL
TIME
tDL
CURRENT WAVEFORM
PEAK-TO-PEAK RINGING
(NOT DRAWN TO SCALE)
Ir
10%
0
0
AMPERES
Figure 15. Human Body Current Waveform
0
10
5
20
15
30
25
35
45
40
50
0
500 750
250
1000 1250 1500 1750 2000
DATA SKEW vs. DATA RATE
DATA RATE (kbps)
TYP SKEW
MAX SKEW
Figure 16. Data Skew vs. Data Rate Graph



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com