Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3535ECWI Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX3535ECWI
Description  3V to 5V, 2500VRMS Isolated RS-485/RS-422 Transceivers with 짹15kV ESD Protection
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3535ECWI Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX3535ECWI Datasheet HTML 17Page - Maxim Integrated Products MAX3535ECWI Datasheet HTML 18Page - Maxim Integrated Products MAX3535ECWI Datasheet HTML 19Page - Maxim Integrated Products MAX3535ECWI Datasheet HTML 20Page - Maxim Integrated Products MAX3535ECWI Datasheet HTML 21Page - Maxim Integrated Products MAX3535ECWI Datasheet HTML 22Page - Maxim Integrated Products MAX3535ECWI Datasheet HTML 23Page - Maxim Integrated Products MAX3535ECWI Datasheet HTML 24Page - Maxim Integrated Products MAX3535ECWI Datasheet HTML 25Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
+3V to +5V, 2500VRMS Isolated RS-485/RS-422
Transceivers with ±15kV ESD Protection
______________________________________________________________________________________
21
product of 9.5V-µs. The commercially available trans-
formers for the MAX845 listed in Table 5 meet that
requirement. In most cases, use half of the center-tapped
primary winding with the MAX3535E and leave the other
end of the primary floating. Most of the transformers in
Table 5 are 1:1:1 or 1:1:1:1 turns ratio.
For +3.3V operation (+3.6V maximum) the required pri-
mary ET product is 6.2V-µs. All of the previously men-
tioned transformers meet this requirement. Table 6 lists
some other transformers with step-up turns ratios
specifically tailored for +3.3V operation. Most of the
transformers in Table 6 are 1:1:1.3:1.3.
By using a HALO TGM-010 or Midcom 95061 trans-
former, it becomes possible to build a complete isolated
RS-485/RS-422 transceiver with a maximum thickness
less than 0.1in. To minimize power consumption, select
the turns ratio of the transformer to produce the minimum
DC voltage required at VCC2 (+3.13V) under worst-case,
high-temperature, low-VCC1, and full-load conditions. For
light loads on the isolated side, ensure that the voltage at
VCC2 does not exceed +7.5V. For example, the CTX01-
14659 transformer results in 85mA (typ) VCC1 supply cur-
rent with full load on the RS-485 driver. Using a TGM250
1:1:1 transformer lowers the VCC1 supply current to 65mA
(typ), while maintaining good margin on the VCC2 supply.
A slight step-down transformer can result in extra power
savings in some situations. A custom wound sample
transformer with 23 primary turns and 20:20 secondary
turns on a Ferronics 11-050B core operates well with a
VCC1 supply current of 51mA (typ).
Table 4. Transformers for the MXL1535E/MAX3535E
MANUFACTURER
PART NUMBER
ISOLATION VOLTAGE (1s)
PHONE NUMBER
Cooper Electronic Technologies, Inc.
CTX01-14659
500V
561-241-7876
Cooper Electronic Technologies, Inc.
CTX01-14608
3750VRMS
561-241-7876
EPCOS AG (Germany)
(USA)
B78304-A1477-A3
500V
0 89-626-2-80-00
800-888-7724
Midcom, Inc.
31160R
1250V
605-886-4385
Pulse FEE (France)
P1597
500V
33-3-85-35-04-04
Sumida Corporation (Japan)
S-167-5779
100V
03-3667-3320
Transpower Technologies, Inc.
TTI7780-SM
500V
775-852-0145
Table 5. Transformers for MAX3535E at +5V
MANUFACTURER
PART
NUMBER
ISOLATION
VOLTAGE (1s)
PHONE
NUMBER
WEBSITE
TGM-010
500VRMS
TGM-250
2000VRMS
TGM-350
3000VRMS
HALO Electronics, Inc.
TGM-450
4500VRMS
650-903-3800
www.haloelectronics.com/6pin.html
BH Electronics, Inc.
500-1749
3750VRMS
952-894-9590
www.bhelectronics.com/PDFs/DC-
DCConverterTransformers.pdf
Coilcraft, Inc.
U6982-C
1500VRMS
800-322-2645
44-1236-730595
www.coilcraft.com/minitrans.cfm
7825355
1500V
Newport/C&D Technologies
7625335
4000V
520-295-4300
www.dc-dc.com/products/productline.asp?ED=9
Midcom, Inc.
95061
1250V
605-886-4385
www.midcom-inc.com
PCA Electronics, Inc.
EPC3115S-5
700V DC
818-894-5791
www.pca.com/Datasheets/EPC3117S-X.pdf
Rhombus Industries, Inc.
T-1110
1800VRMS
714-898-0960
www.rhombus-ind.com/pt-cat/maxim.pdf
Premier Magnetics, Inc.
PM-SM15
1500VRMS
949-452-0511
www.premiermag.com/pdf/pmsm15.pdf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com