Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1608 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1608
Description  24-Bit, 192kHz Sampling, 8-Channel, Enhanced Multilevel, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1608 Datasheet(HTML) 1 Page - Texas Instruments

  PCM1608 Datasheet HTML 1Page - Texas Instruments PCM1608 Datasheet HTML 2Page - Texas Instruments PCM1608 Datasheet HTML 3Page - Texas Instruments PCM1608 Datasheet HTML 4Page - Texas Instruments PCM1608 Datasheet HTML 5Page - Texas Instruments PCM1608 Datasheet HTML 6Page - Texas Instruments PCM1608 Datasheet HTML 7Page - Texas Instruments PCM1608 Datasheet HTML 8Page - Texas Instruments PCM1608 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
24-Bit, 192kHz Sampling, 8-Channel,
Enhanced Multilevel, Delta-Sigma
DIGITAL-TO-ANALOG CONVERTER
PCM1608
DESCRIPTION
The PCM1608 is a CMOS monolithic integrated circuit that
features eight 24-bit audio Digital-to-Analog Converters
(DACs) and support circuitry in a small LQFP-48 package. The
DACs utilize Texas Instrument’s enhanced multi-level, delta-
sigma architecture that employs fourth-order noise shaping and
8-level amplitude quantization to achieve excellent signal-to-
noise performance and a high tolerance to clock jitter.
The PCM1608 accepts industry-standard audio data formats
with 16- to 24-bit audio data. Sampling rates up to 200kHz
(channels 1, 2, 7, and 8) or 100kHz (channels 3, 4, 5, and 6)
are supported. A full set of user-programmable functions are
accessible through a 4-wire serial control port that supports
register write and read functions.
FEATURES
q 24-BIT RESOLUTION
q ANALOG PERFORMANCE:
Dynamic Range: 100dB typ (PCM1608Y)
105dB typ (PCM1608KY)
SNR: 100dB typ (PCM1608Y)
105dB typ (PCM1608KY)
THD+N: 0.003% typ (PCM1608Y)
0.002% typ (PCM1608KY)
Full-Scale Output: 3.1Vp-p typ
q 4x/8x OVERSAMPLING INTERPOLATION FILTER:
Stopband Attenuation: –55dB
Passband Ripple:
±0.03dB
q SAMPLING FREQUENCY:
5kHz to 200kHz (Channels 1, 2, 7, and 8)
5kHz to 100kHz (Channels 3, 4, 5, and 6)
q ACCEPTS 16-, 18-, 20-, AND 24-BIT AUDIO DATA
q DATA FORMATS: Standard, I2S, and Left-Justified
q SYSTEM CLOCK: 128, 192, 256, 384, 512, or 768f
S
q USER-PROGRAMMABLE FUNCTIONS:
Digital Attenuation: 0dB to –63dB, 0.5dB/Step
Soft Mute
Zero
Flags
May
Be
Used
As
General-
Purpose Logic Output
Digital De-Emphasis
Digital Filter Roll-Off: Sharp or Slow
q DUAL-SUPPLY OPERATION:
+5V Analog, +3.3V Digital
q +5V TOLERANT DIGITAL LOGIC INPUTS
q PACKAGE: LQFP-48
APPLICATIONS
q INTEGRATED A/V RECEIVERS
q DVD MOVIE AND AUDIO PLAYERS
q HDTV RECEIVERS
q CAR AUDIO SYSTEMS
q DVD ADD-ON CARDS FOR HIGH-END PCs
q DIGITAL AUDIO WORKSTATIONS
q OTHER MULTICHANNEL AUDIO SYSTEMS
PCM1608
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2000, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SBAS164A – MARCH 2001


Similar Part No. - PCM1608

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1608 TI1-PCM1608 Datasheet
1,012Kb / 46P
Delta-Sigma Digital-to-Analog Converter
PCM1608 TI2-PCM1608 Datasheet
656Kb / 46P
24-Bit, 192-kHz Sampling, 8-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
REVISED JULY 2005
PCM1608KY TI1-PCM1608KY Datasheet
1,012Kb / 46P
Delta-Sigma Digital-to-Analog Converter
PCM1608KY TI2-PCM1608KY Datasheet
656Kb / 46P
24-Bit, 192-kHz Sampling, 8-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
REVISED JULY 2005
PCM1608KY.B TI2-PCM1608KY.B Datasheet
656Kb / 46P
24-Bit, 192-kHz Sampling, 8-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
REVISED JULY 2005
More results

Similar Description - PCM1608

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1606 BURR-BROWN-PCM1606 Datasheet
385Kb / 27P
24-BIT, 192-kHz SAMPLING, 6-CHANNEL, ENHANCED MULTILEVEL, DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
PCM1742 BURR-BROWN-PCM1742 Datasheet
322Kb / 20P
24-Bit, 192kHz Sampling Enhanced Multilevel, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1602 TI-PCM1602 Datasheet
453Kb / 29P
24-Bit, 192kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1748 BURR-BROWN-PCM1748 Datasheet
323Kb / 20P
24-Bit, 96kHz Sampling Enhanced Multilevel, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1609A TI-PCM1609A Datasheet
555Kb / 43P
24-BIT, 192-kHz SAMPLING, 8-CHANNEL, ENHANCED MULTILEVEL, DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
PCM1602A TI1-PCM1602A Datasheet
678Kb / 45P
24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
PCM1606E TI1-PCM1606E Datasheet
405Kb / 28P
24-Bit, 192-kHz SAMPLING. 6-CHANNEL, ENHANCED MULTILEVEL, DELTA- SIGMA DIGITAL-TO-ANALOG CONVERTER
PCM1742KE TI-PCM1742KE Datasheet
788Kb / 39P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1680 TI-PCM1680_15 Datasheet
730Kb / 39P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1742 TI-PCM1742_15 Datasheet
673Kb / 38P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma,Audio Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com