Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1608 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1608
Description  24-Bit, 192kHz Sampling, 8-Channel, Enhanced Multilevel, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1608 Datasheet(HTML) 2 Page - Texas Instruments

  PCM1608 Datasheet HTML 1Page - Texas Instruments PCM1608 Datasheet HTML 2Page - Texas Instruments PCM1608 Datasheet HTML 3Page - Texas Instruments PCM1608 Datasheet HTML 4Page - Texas Instruments PCM1608 Datasheet HTML 5Page - Texas Instruments PCM1608 Datasheet HTML 6Page - Texas Instruments PCM1608 Datasheet HTML 7Page - Texas Instruments PCM1608 Datasheet HTML 8Page - Texas Instruments PCM1608 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
PCM1608
2
SBAS164A
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
Power Supply Voltage, VDD .............................................................. +4.0V
VCC .............................................................. +6.5V
Ground Voltage Differences ..............................................................
±0.1V
Digital Input Voltage ................................................ –0.3V to (6.5V + 0.3V)
Input Current (except power supply) ...............................................
±10mA
Operating Temperature Under Bias ................................ –40
°C to +125°C
Storage Temperature ...................................................... –55
°C to +150°C
Junction Temperature .................................................................... +150
°C
Lead Temperature (soldering, 5s) ................................................. +260
°C
Package Temperature (IR reflow, 10s) .......................................... +235
°C
ABSOLUTE MAXIMUM RATINGS
PACKAGE
SPECIFIED
DRAWING
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE
NUMBER
RANGE
MARKING
NUMBER(1)
MEDIA
PCM1608Y
LQFP-48
340
–25
°C to +85°C
PCM1608Y
PCM1608Y
250-Piece Tray
""
"
"
"
PCM1608Y/2K
Tape and Reel
PCM1608KY
LQFP-48
340
–25
°C to +85°C
PCM1608KY
PCM1608KY
250-Piece Tray
""
"
"
"
PCM1608KY/2K
Tape and Reel
NOTE: (1) Models with a slash (/) are available only in Tape and Reel in the quantities indicated (e.g., /2K indicates 2000 devices per reel). Ordering 2000 pieces
of “PCM1608Y/2K” will get a single 2000-piece Tape and Reel.
PACKAGE/ORDERING INFORMATION
ELECTRICAL CHARACTERISTICS
All specifications at TA = +25°C, VCC = 5.0V, VDD = 3.3V, system clock = 384fS (fS = 44.1kHz), and 24-bit data, unless otherwise noted.
PCM1608Y
PCM1608KY
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RESOLUTION
24
Bits
DATA FORMAT
Audio Data Interface Formats
Standard, I2S, Left-Justified
Audio Data Bit Length
16, 18, 20, 24-Bits Selectable
Audio Data Format
MSB-First, Binary Two’s Complement
Sampling Frequency (fS)VOUT 1, 2, 7, 8
5
200
kHz
VOUT 3, 4, 5, 6
5
100
kHz
System Clock Frequency
128, 192, 256, 384, 512, 768fS
DIGITAL INPUT/OUTPUT
Logic Family
TTL-Compatible
Input Logic Level
VIH
2.0
VDC
VIL
0.8
VDC
Input Logic Current
IIH(1)
VIN = VDD
10
µA
IIL(1)
VIN = 0V
–10
µA
IIH(2)
VIN = VDD
65
100
µA
IIL(2)
VIN = 0V
–10
µA
Output Logic Level
VOH
IOH = –4mA
2.4
VDC
VOL
IOL = +4mA
1.0
VDC
DYNAMIC PERFORMANCE(3) (4)
PCM1608Y
THD+N at VOUT = 0dB
fS = 44.1kHz
0.003
0.01
%
fS = 96kHz
0.005
%
fS = 192Hz
0.006
%
THD+N at VOUT = –60dB
fS = 44.1kHz
1.25
%
fS = 96kHz
1.40
%
fS = 192kHz
1.65
%
Dynamic Range
EIAJ, A-Weighted, fS = 44.1kHz
94
100
dB
A-Weighted, fS = 96kHz
99
dB
A-Weighted, fS = 192kHz
98
dB
Signal-to-Noise Ratio
EIAJ, A-Weighted, fS = 44.1kHz
94
100
dB
A-Weighted, fS = 96kHz
99
dB
A-Weighted, fS = 192kHz
98
dB
Channel Separation
fS = 44.1kHz
91
98
dB
fS = 96kHz
97
dB
fS = 192kHz
96
dB
Level Linearity Error
VOUT = –90dB
±0.5
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com