Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1608 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1608
Description  24-Bit, 192kHz Sampling, 8-Channel, Enhanced Multilevel, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1608 Datasheet(HTML) 13 Page - Texas Instruments

Back Button PCM1608 Datasheet HTML 9Page - Texas Instruments PCM1608 Datasheet HTML 10Page - Texas Instruments PCM1608 Datasheet HTML 11Page - Texas Instruments PCM1608 Datasheet HTML 12Page - Texas Instruments PCM1608 Datasheet HTML 13Page - Texas Instruments PCM1608 Datasheet HTML 14Page - Texas Instruments PCM1608 Datasheet HTML 15Page - Texas Instruments PCM1608 Datasheet HTML 16Page - Texas Instruments PCM1608 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
PCM1608
13
SBAS164A
FIGURE 8. Read Operation Timing.
10
00
00
00
X
X
XX
XXXX
X
XX
X
X
X
X
X
XX
X
X
XX
X
X
High Impedance
ML
MC
MDI
MDO
ML
MC
MDI
MDO
ML
MC
MDI
MDO
D7
D0
D6
D5
D4
D3
D2
D1
D0
High Impedance
D7
D6
D5
D4
INDEX “N – 1”
D3
D2
D1
D6
D7
D5
D4
D3
D2
D1
D0
INDEX “1”
INDEX “N”
INC = 1 (Auto-Increment Read)
10
00
00
00
X
XX
XXXX
X
High Impedance
D6
D7
D5
D4
D3
D2
D1
D0
INDEX “N”
INC = 0 (Single Register Read)
NOTES: (1) X = Don’t care. (2) Index which it begins to read in the read mode can set by REG[6:0] in Register 11, data from Register 1 to Register 12 can
be read by setting it as “INC = 1” in Register 11. For example, set REG[6:0] = “0001001” to read from Register 9. (INC = “0” or “1”.)
The details of the Read operation are shown in Figure 8. First,
Control Register 11 must be written with the index of the
register to be read back. Additionally, the INC bit must be set
to logic “0” in order to disable the Auto-Increment Read
function. The Read cycle is then initiated by setting ML to
logic “0” and setting the R/W bit of the control data word to
logic “1”, indicating a Read operation. MDO remains at a
high-impedance state until the last eight bits of the 16-bit read
cycle, which corresponds to the eight data bits of the register
indexed by the REG[6:0] bits of Control Register 11. The
Read cycle is completed when ML is set to “1”, immediately
after the MC clock cycle for the least significant bit of
indexed control register has completed.
AUTO-INCREMENT READ OPERATION
The Auto-Increment Read function allows for multiple regis-
ters to be read sequentially. The Auto-Increment Read func-
tion is enabled by setting the INC bit of Control Register 11
to “1”. The sequence always starts with Register 1, and ends
with the register indexed by the REG[6:0] bits in Control
Register 11.
Figure 8 shows the timing of the Auto-Increment Read
operation. The operation begins by writing Control Regis-
ter 11, setting INC to “1”, and setting REG[6:0] to the last
register to be read in the sequence. The actual Read opera-
tion starts on the next HIGH to LOW transition of the ML
pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com