Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1608 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1608
Description  24-Bit, 192kHz Sampling, 8-Channel, Enhanced Multilevel, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1608 Datasheet(HTML) 21 Page - Texas Instruments

Back Button PCM1608 Datasheet HTML 17Page - Texas Instruments PCM1608 Datasheet HTML 18Page - Texas Instruments PCM1608 Datasheet HTML 19Page - Texas Instruments PCM1608 Datasheet HTML 20Page - Texas Instruments PCM1608 Datasheet HTML 21Page - Texas Instruments PCM1608 Datasheet HTML 22Page - Texas Instruments PCM1608 Datasheet HTML 23Page - Texas Instruments PCM1608 Datasheet HTML 24Page - Texas Instruments PCM1608 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
PCM1608
21
SBAS164A
Register 12 (Cont.)
OVER
Oversampling Rate Control
This bit is Read/Write.
Default Value: 0
System Clock Rate = 256, 384, 512, or 768fS:
OVER = 0
64x Oversampling (default)
OVER = 1
128x Oversampling
System Clock Rate = 128 or 192fS:
OVER = 0
32x Oversampling (default)
OVER = 1
64x Oversampling
The OVER bit is used to control the oversampling rate of the delta-sigma DACs. The OVER = 1 setting is
reccomended when the oversampling rate is 192kHz (system clock rate is 128 or 192fS).
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
REGISTER 18
R/W
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
RSV
RSV
RSV
RSV
RSV
RSV
MUT8
MUT7
R/W
Read/Write Mode Select
When R/W = 0, a write operation is performed.
When R/W = 1, a read operation is performed.
Default Value: 0
MUTx
Soft Mute Control
Where x = 7-8, corresponding to the DAC output VOUTx.
These bits are Read/Write.
Default Value: 0
MUTx = 0
Mute Disabled (default)
MUTx = 1
Mute Enabled
The mute bits, MUT7 through MUT8, are used to enable or disable the Soft Mute function for the
corresponding DAC outputs, VOUT7 and VOUT8. The Soft Mute function is incorporated into the digital
attenuators. When Mute is disabled (MUTx = 0), the attenuator and the DAC operate normally. When Mute
is enabled by setting MUTx = 1, the digital attenuator for the corresponding output will be decremented
from the current setting to the infinite attenuation setting one attenuator step (0.5dB) at a time. This
provides a quiet, “pop”-free muting of the DAC output. Upon returning from Soft Mute, by setting
MUTx = 0, the attenuator will be incremented one step at a time to the previously programmed attenuator
level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com