Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1608 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1608
Description  24-Bit, 192kHz Sampling, 8-Channel, Enhanced Multilevel, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1608 Datasheet(HTML) 3 Page - Texas Instruments

  PCM1608 Datasheet HTML 1Page - Texas Instruments PCM1608 Datasheet HTML 2Page - Texas Instruments PCM1608 Datasheet HTML 3Page - Texas Instruments PCM1608 Datasheet HTML 4Page - Texas Instruments PCM1608 Datasheet HTML 5Page - Texas Instruments PCM1608 Datasheet HTML 6Page - Texas Instruments PCM1608 Datasheet HTML 7Page - Texas Instruments PCM1608 Datasheet HTML 8Page - Texas Instruments PCM1608 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
PCM1608
3
SBAS164A
ELECTRICAL CHARACTERISTICS (Cont.)
All specifications at TA = +25°C, VCC = 5.0V, VDD = 3.3V, system clock = 384fS (fS = 44.1kHz), and 24-bit data, unless otherwise noted.
PCM1608KY
THD+N at VOUT = 0dB
fS = 44.1kHz
0.002
0.008
%
fS = 96kHz
0.004
%
fS = 192kHz
0.005
%
THD+N at VOUT = –60dB
fS = 44.1kHz
0.7
%
fS = 96kHz
0.9
%
fS = 192kHz
1.0
%
Dynamic Range
EIAJ, A-Weighted, fS = 44.1kHz
98
105
dB
A-Weighted, fS = 96kHz
103
dB
A-Weighted, fS = 192kHz
102
dB
Signal-to-Noise Ratio
EIAJ, A-Weighted, fS = 44.1kHz
98
105
dB
A-Weighted, fS = 96kHz
103
dB
A-Weighted, fS = 192kHz
102
dB
Channel Separation
fS = 44.1kHz
94
103
dB
fS = 96kHz
101
dB
fS = 192kHz
100
dB
Level Linearity Error
VOUT = –90dB
±0.5
dB
DC ACCURACY
Gain Error
±1.0
±6
% of FSR
Gain Mismatch, Channel-to-Channel
±1.0
±3
% of FSR
Bipolar Zero Error
VOUT = 0.5VCC at Bipolar Zero
±30
±60
mV
ANALOG OUTPUT
Output Voltage
Full Scale (–0dB)
62% of VCC
Vp-p
Center Voltage
50% VCC
VDC
Load Impedance
AC Load
5
k
Ω
DIGITAL FILTER PERFORMANCE
Filter Characteristics 1, Sharp Roll-Off
Passband
±0.03dB
0.454fS
Passband
–3dB
0.487fS
Stopband
0.546fS
dB
Passband Ripple
±0.03
dB
Stopband Attenuation
Stopband = 0.546fS
–50
dB
Stopband Attenuation
Stopband = 0.567fS
–55
Filter Characteristics 2, Slow Roll-Off
Passband
±0.5dB
0.198fS
Passband
–3dB
0.390fS
Stopband
0.884fS
Passband Ripple
±0.5
dB
Stopband Attenuation
Stopband = 0.884fS
–40
dB
Delay Time
20/fS
sec
De-Emphasis Error
±0.1
dB
ANALOG FILTER PERFORMANCE
Frequency Response
f = 20kHz
–0.03
dB
f = 44kHz
–0.20
dB
POWER-SUPPLY REQUIREMENTS(4)
Voltage Range, VDD
+3.0
+3.3
+3.6
VDC
VCC
+4.5
+5.0
+5.5
VDC
Supply Current, IDD(5)
fS = 44.1kHz
18
25
mA
fS = 96kHz
40
mA
fS = 192kHz
40
mA
ICC
fS = 44.1kHz
33
46
mA
fS = 96kHz
36
mA
fS = 192kHz
36
mA
Power Dissipation
fS = 44.1kHz
224
313
mW
fS = 96kHz
312
mW
fS = 192kHz
312
mW
TEMPERATURE RANGE
Operation Temperature
–25
+85
°C
Thermal Resistance
θ
JA
LQFP-48
100
°C/W
NOTES: (1) Pins 31, 38, 40, 41, 45-47 (DATA4, SCKI, BCK, LRCK, DATA1, DATA2, DATA3). (2) Pins 34-37 (MDI, MC, ML, RST). (3) Analog performance
specifications are tested with a Shibasoku #725 THD Meter with 400Hz HPF on, 30kHz LPF on, average mode with 20kHz bandwidth limiting. The load
connected to the analog output is 5k
Ω, or larger, via capacitive loading. (4) Conditions in 192kHz operation are: system clock = 128f
S, DAC3 through DAC6
disabled in Register 8, and oversampling rate = 64fS in Register 12. (5) CLKO is disabled.
PCM1608Y
PCM1608KY
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com