Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM88 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM88
Description  Factory Programmable Dual Remote-Diode Thermostat
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM88 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM88 Datasheet HTML 1Page - National Semiconductor (TI) LM88 Datasheet HTML 2Page - National Semiconductor (TI) LM88 Datasheet HTML 3Page - National Semiconductor (TI) LM88 Datasheet HTML 4Page - National Semiconductor (TI) LM88 Datasheet HTML 5Page - National Semiconductor (TI) LM88 Datasheet HTML 6Page - National Semiconductor (TI) LM88 Datasheet HTML 7Page - National Semiconductor (TI) LM88 Datasheet HTML 8Page - National Semiconductor (TI) LM88 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Absolute Maximum Ratings (Note 1)
Input Voltage
6V
Input Current at any pin (Note 2)
5mA
Package Input Current (Note 2)
20mA
Package Dissipation at T
A = 25˚C
(Note 4)
900mW
Soldering Information
MSOP Package (Note 6) :
Vapor Phase (60 seconds)
215˚C
Infrared (15 seconds)
220˚C
Storage Temperature
−65˚C to + 150˚C
ESD Susceptibility (Note 5)
Human Body Model
Machine Model
2500V
250V
Operating Ratings(Note 1)
Operating Temperature
Range
T
MIN ≤ T ≤ TMAX
LM88CIMM
−40˚C
≤ T
A ≤ +85˚C
Remote Diode Junction
0˚C
≤ T
DJ ≤ +125˚C
Positive Supply Voltage (V
+)
+2.8V to +3.8V
Maximum V
O_CRIT,V O_SP0
and V
O_SP1
+5.5V
LM88 Electrical Characteristics
The following specifications apply for 2.8V
DC≤V
+
≤ 3.8V
DC unless otherwise specified. Boldface limits apply for TA =TJ =
T
MIN to TMAX; all other limits TA =TJ = 25˚C unless otherwise specified.
Typical
LM88CIMM
Units
Symbol
Parameter
Conditions
(Note 7)
Limits
(Limits)
(Note 8)
Temperature Sensor
Setpoint Temperature Accuracy (Note 9)
+60˚C
≤ T
DJ ≤ +100˚C
±3
˚C (max)
+45˚C
≤ T
DJ ≤ +85˚C
+30˚C
≤ T
DJ ≤ +70˚C
Setpoint Hysteresis
1
˚C (min)
1
˚C (max)
Output Update Rate
920
ms (max)
V
D−,VD0 and VD1 Analog Inputs
I
D+SOURCE
Diode Source Current
(D+ − D−)=0.65; high
level
120
210
µA (max)
46
µA (min)
(D+ − D−)=0.65; low
level
12
21
µA (max)
4.6
µA (min)
V
D−Out
D− Output Source Voltage
0.7
V
LM88 Electrical Characteristics
The following specifications apply for 2.8V
DC≤V
+
≤ 3.8V
DC unless otherwise specified. Boldface limits apply for TA =TJ =
T
MIN to TMAX; all other limits TA =TJ = 25˚C unless otherwise specified.
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 7)
(Note 8)
(Limits)
V
+ Power Supply
I
S
Supply Current
1.5
mA (max)
Digital Outputs
I
OUT(“1”)
Logical “1” Output Leakage
Current (Note 10)
V
OUT=V
+− 0.6V
where V
+=3.8V to
2.8V
2
µA (max)
V
OUT=V
+ =3.8V to
2.8V
40
µA (max)
V
OUT(“0”)
Logical “0” Output Voltage
I
OUT =+3 mA
0.4
V (max)
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics. The guaranteed
specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test
conditions.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com