Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM88 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM88
Description  Factory Programmable Dual Remote-Diode Thermostat
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM88 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM88 Datasheet HTML 1Page - National Semiconductor (TI) LM88 Datasheet HTML 2Page - National Semiconductor (TI) LM88 Datasheet HTML 3Page - National Semiconductor (TI) LM88 Datasheet HTML 4Page - National Semiconductor (TI) LM88 Datasheet HTML 5Page - National Semiconductor (TI) LM88 Datasheet HTML 6Page - National Semiconductor (TI) LM88 Datasheet HTML 7Page - National Semiconductor (TI) LM88 Datasheet HTML 8Page - National Semiconductor (TI) LM88 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
LM88 Electrical Characteristics (Continued)
Note 2: When the input voltage (VI) at any pin exceeds the power supply (VI < GND or VI > V
+), the current at that pin should be limited to 5mA. The 20mA
maximum package input current rating limits the number of pins that can safely exceed the power supplies with an input current of 5mA to four.
Note 3: Parasitics or ESD protection circuitry are shown in the diagram found below. The ESD Clamp circtuitry is triggered on when there is an ESD event. The table
maps what devices appear on the different pins.
Pin Name
D1
D2
D3
D4
D5
D6
R1
D0+
XXXX
X
50
Ω
D−
XXXXXX
50
Ω
D1+
XXXX
X
50
Ω
O_CRIT
XXXX
0
Ω
O_SP1
XXXX
0
Ω
O_SP0
XXXX
0
Ω
10132604
Note 4: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJmax (maximum junction temperature), θJA (junction to
ambient thermal resistance) and TA (ambient temperature). The maximum allowable power dissipation at any temperature is PD =(TJmax–TA)/θJA or the number
given in the Absolute Maximum Ratings, whichever is lower. For this device, TJmax = 125˚C. For this device the typical thermal resistance (θJA) of the different
package types when board mounted follow:
Package Type
θ
JA
MUA08A
250˚C/W
Note 5: The human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin. The machine model is a 200pF capacitor discharged directly
into each pin.
Note 6: See the URL ”http://www.national.com/packaging/“ for other recomdations and methods of soldering surface mount devices.
Note 7: Typicals are at TJ =TA = 25˚C and represent most likely parametric norm.
Note 8: Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 9: These are sample temperature ranges, contact the factory for other temperature ranges. Performance is dependent on temperature range.
Note 10: The two IOH specifications are intended to describe two operating regions of the output voltage. In Region 1, V
+− 0.6V and below, there is normal leakage
current, 2µA (max). In Region 2, V+− 0.6V to V+, there is additional current flowing caused by the ESD protection circuitry (see Figure in Note 3). The maximum
current flow is under short circuit conditions as specified at 40µA (max). Under normal operating conditions a pull-resistor (R) will be used. The voltage drop across
this pull-up resistor caused by the 2µA normal leakage current with large values of R (much greater than 100k) will bias diode D1 into the cutoff region causing the
additional current to be negligible in the voltage drop calculation. With low values of R more current will flow as in the case of a 1.1k pull-up, 20µA may flow causing
less than 22mV of voltage drop.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com