Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM88 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM88
Description  Factory Programmable Dual Remote-Diode Thermostat
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM88 Datasheet(HTML) 7 Page - National Semiconductor (TI)

  LM88 Datasheet HTML 1Page - National Semiconductor (TI) LM88 Datasheet HTML 2Page - National Semiconductor (TI) LM88 Datasheet HTML 3Page - National Semiconductor (TI) LM88 Datasheet HTML 4Page - National Semiconductor (TI) LM88 Datasheet HTML 5Page - National Semiconductor (TI) LM88 Datasheet HTML 6Page - National Semiconductor (TI) LM88 Datasheet HTML 7Page - National Semiconductor (TI) LM88 Datasheet HTML 8Page - National Semiconductor (TI) LM88 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
2.0 Application Hints (Continued)
of the LM88’s temperature. The LM88 has been optimized to
measure the remote diode of a Pentium type processor as
shown in
Figure 3. A discrete diode can also be used to
sense the temperature of external objects or ambient air.
Remember that a discrete diode’s temperature will be af-
fected, and often dominated, by the temperature of its leads.
As with any IC, the LM88 and accompanying wiring and
circuits must be kept insulated and dry, to avoid leakage and
corrosion. This is especially true if the circuit may operate at
cold
temperatures
where
condensation
can
occur.
Printed-circuit coatings and varnishes such as Humiseal and
epoxy paints or dips are often used to ensure that moisture
cannot corrode the LM88 or its connections. Moisture may
also cause leakage on the diode wiring and therefore affect
the accuracy of the temperature set-points.
Most silicon diodes do not lend themselves well to this
application. It is recommended that a 2N3904 transistor
base emitter junction be used with the collector tied to the
base.
A diode connected 2N3904 approximates the junction avail-
able on a Pentium III microprocessor for temperature mea-
surement. Therefore, the LM88 can sense the temperature
of this diode effectively.
2.3 EFFECTS OF THE DIODE NON-IDEALITY FACTOR
ON ACCURACY
The technique used in today’s remote temperature sensors
is to measure the change in V
BE at two different operating
points of a diode. For a bias current ratio of N:1, this differ-
ence is given as:
where:
η is the non-ideality factor of the process the diode is
manufactured on,
— q is the electron charge,
— k is the Boltzmann’s constant,
— N is the current ratio,
— T is the absolute temperature in ˚K.
The temperature sensor then measures
∆V
BE and converts
to IT digital data. In this equation, k and q are well defined
universal constants, and N is a parameter controlled by the
temperature sensor. The only other parameter is
η, which
depends on the diode that is used for measurement. Since
∆V
BE is proportional to both η and T, the variations in η
cannot be distinguished from variations in temperature.
Since the non-ideality factor is not controlled by the tempera-
ture sensor, it will directly add to the inaccuracy of the
sensor. For the Pentium II, Intel specifies a ±1% variation in
η from part to part. As an example, assume a temperature
sensor has an accuracy specification of ±3 ˚C at room
temperature of 25 ˚C and the process used to manufacture
the diode has a non-ideality variation of ±1%. The resulting
accuracy of the temperature sensor at room temperature will
be:
T
ACC = ± 3˚C+(±1% of 298 ˚K) = ±6˚C
.
The additional inaccuracy in the temperature measurement
caused by
η can be eliminated if each temperature sensor is
calibrated with the remote diode that it will be paired with.
2.4 PCB LAYOUT to MINIMIZE NOISE
In a noisy environment, such as a processor motherboard,
layout considerations are very critical. Noise induced on
traces running between the remote temperature diode sen-
sor and the LM88 can cause temperature conversion errors.
The following guidelines should be followed:
1.
Place a 0.1 µF power supply bypass capacitor as close
as possible to the V
DD pin and the recommended 2.2 nF
capacitor as close as possible to the D+ and D− pins.
Make sure the traces to the two 2.2nF capacitor are
matched.
2.
The recommended 2.2nF diode bypass capacitor actu-
ally has a range of 200pF to 3.3nF. The average tem-
perature accuracy will not change over that capacitance
range. Increasing the capacitance will lower the corner
frequency where differential noise error will start to affect
the temperature reading thus producing a reading that is
more stable. Conversely, lowering the capacitance will
increase the corner frequency where differential noise
error starts to affect the temperature reading thus pro-
ducing a reading that is less stable.
3.
Ideally, the LM88 should be placed within 10cm of the
remote diode pins with the traces being as straight, short
and identical as possible. Trace resistance of 1
Ω can
cause as much as 1˚C of error. This error can be com-
pensated by using the Remote Temperature Offset Reg-
isters, since the value placed in these registers will
automatically be subtracted or added to the remote tem-
perature reading.
4.
Diode traces should be surrounded by a GND guard ring
to either side, above and below if possible. This GND
guard should not go between the D+ and D− lines so
that in the event that noise does couple to the diode
lines, it would be coupled common mode and rejected-
.(See
Figure 4)
5.
Avoid routing diode traces in close proximity to power
supply switching or filtering inductors.
6.
Avoid running diode traces close to or parallel to high
speed digital and bus lines. Diode traces should be kept
at least 2cm apart from the high speed digital traces.
7.
If it is necessary to cross high speed digital traces, the
diode traces and the high speed digital traces should
cross at a 90 degree angle.
10132615
FIGURE 3. Pentium or 3904 Temperature vs LM88
Temperature Set-point
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com