Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM88 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM88
Description  Factory Programmable Dual Remote-Diode Thermostat
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM88 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM88 Datasheet HTML 1Page - National Semiconductor (TI) LM88 Datasheet HTML 2Page - National Semiconductor (TI) LM88 Datasheet HTML 3Page - National Semiconductor (TI) LM88 Datasheet HTML 4Page - National Semiconductor (TI) LM88 Datasheet HTML 5Page - National Semiconductor (TI) LM88 Datasheet HTML 6Page - National Semiconductor (TI) LM88 Datasheet HTML 7Page - National Semiconductor (TI) LM88 Datasheet HTML 8Page - National Semiconductor (TI) LM88 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LM88
Factory Programmable Dual Remote-Diode Thermostat
General Description
The LM88 is a dual remote-diode temperature sensor with 3
digital comparators. The LM88 has 3 open-drain outputs
(O_SP0, O_SP1 and O_CRIT) that can be used as inter-
rupts or to signal system shutdown. The digital comparators
can be factory programmed to make a greater than or less
than comparison. When programmed for a greater than
comparison outputs:
O_SP0 and O_SP1 activate when the temperatures mea-
sured by D0 or D1 exceed the associated setpoints of
T_SP0 or T_SP1.
O_CRIT activates when the temperature measured by
either D0 or D1 exceeds setpoint T_CRIT.
T_CRIT can be set at 1˚C intervals from −40˚C to +125˚C.
T_SP0 and T_SP1 can be set at 4˚C intervals in the range of
T_CRIT +127˚C/−128˚C. Hysteresis for all comparators is
set to 1˚C. O_CRIT, in conjunction with T_CRIT, could be
used to prevent catastrophic damage to key subsystems
such as notebook Card Bus cards while O_SP0 and O_SP1,
in conjunction with T_SP0 and T_SP1, can warn of an
impending failure.
The LM88 is available in an 8-lead mini-small-outline pack-
age.
Applications
n
Microprocessor Thermal Management
n
Appliances
n
Portable Battery Powered Systems
n
Fan Control
n
Industrial Process Control
n
HVAC Systems
n
Remote Temperature Sensing
n
Electronic System Protection
Features
n
2 external remote diode input channels
n
3 digital comparator outputs, 1 per remote diode and
one T_CRIT common to both
n
Factory programmable greater than or less than
comparisons
n
1˚C comparator hysteresis
n
2 setpoints, T_SP0 and T_SP1, factory programmable in
4˚C intervals
n
1 setpoint, T_CRIT, factory programmable in 1˚C
intervals
n
Active Low open-drain digital outputs
n
8-pin mini-SO plastic package
Key Specifications
j Power Supply Voltage
2.8V–3.8V
j Power Supply Current
1.5 mA (max)
j LM88 Temperature Range
−40˚C to +85˚C
j Diode Setpoint Temperature
Range
0˚C to +125˚C
j
Temperature Trip Point Accuracy:
Diode Junction
Temperature
(T
DJ)
LM88CIM
Accuracy
LM88CIM
Temperature
Range
+45˚C to +85˚C
±3˚C (max)
−40˚C to +85˚C
+60˚C to +100˚C
±3˚C (max)
−40˚C to +85˚C
Note: These are sample ranges. Contact factory for other
ranges.
Simplified Block Diagram and Connection Diagram
MSOP-8/MUA08A Package
10132601
Top View
10132602
For simplicity, the effects of the hysteresis are not shown in the
temperature response diagram.
August 2001
© 2001 National Semiconductor Corporation
DS101326
www.national.com


Similar Part No. - LM88

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM8801 NSC-LM8801 Datasheet
971Kb / 16P
High Precision 6MHz, 600 mA Synchronous Step-Down DC-DC Converter for Mobile Applications
logo
Texas Instruments
LM8801 TI-LM8801 Datasheet
1Mb / 23P
High Precision 6MHz, 600 mA Synchronous Step-Down DC-DC Converter for Mobile Applications
LM8801 TI2-LM8801 Datasheet
1Mb / 23P
LM8801 High Precision 6MHz, 600 mA Synchronous Step-Down DC-DC Converter for Mobile Applications
REVISED MAY 2013
LM8801TME-1.2/NOPB TI-LM8801TME-1.2/NOPB Datasheet
1Mb / 23P
High Precision 6MHz, 600 mA Synchronous Step-Down DC-DC Converter for Mobile Applications
LM8801TME-1.2/NOPB TI2-LM8801TME-1.2/NOPB Datasheet
1Mb / 23P
LM8801 High Precision 6MHz, 600 mA Synchronous Step-Down DC-DC Converter for Mobile Applications
REVISED MAY 2013
More results

Similar Description - LM88

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1821 DALLAS-DS1821 Datasheet
570Kb / 16P
Programmable Digital Thermostat
logo
National Semiconductor ...
LM26 NSC-LM26 Datasheet
586Kb / 9P
Accurate, Factory Preset Thermostat
logo
Dallas Semiconductor
DS1821 DALLAS-DS1821_07 Datasheet
454Kb / 18P
Programmable Digital Thermostat and Thermometer
logo
National Semiconductor ...
LM26 NSC-LM26_07 Datasheet
283Kb / 10P
SOT-23, 짹3째C Accurate, Factory Preset Thermostat
logo
Maxim Integrated Produc...
DS1821 MAXIM-DS1821 Datasheet
800Kb / 19P
Programmable Digital Thermostat and Thermometer
Rev 6/12
logo
Texas Instruments
LM26CIM5X-SHA TI1-LM26CIM5X-SHA Datasheet
292Kb / 12P
LM26 SOT-23, /-3C Accurate, Factory Preset Thermostat
LM26CIM5 TI-LM26CIM5 Datasheet
947Kb / 20P
LM26 SOT-23, 3C Accurate, Factory Preset Thermostat
logo
Global Mixed-mode Techn...
G707 GMT-G707 Datasheet
47Kb / 1P
Programmable Remote Thermal Diode Temperature Switch
logo
Texas Instruments
LM26 TI-LM26_15 Datasheet
950Kb / 24P
Accurate, Factory-Preset Thermostat
LM27A TI1-LM27A_13 Datasheet
267Kb / 10P
Factory Preset Thermostat
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com