Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM88 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM88
Description  Factory Programmable Dual Remote-Diode Thermostat
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM88 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM88 Datasheet HTML 1Page - National Semiconductor (TI) LM88 Datasheet HTML 2Page - National Semiconductor (TI) LM88 Datasheet HTML 3Page - National Semiconductor (TI) LM88 Datasheet HTML 4Page - National Semiconductor (TI) LM88 Datasheet HTML 5Page - National Semiconductor (TI) LM88 Datasheet HTML 6Page - National Semiconductor (TI) LM88 Datasheet HTML 7Page - National Semiconductor (TI) LM88 Datasheet HTML 8Page - National Semiconductor (TI) LM88 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
1.0 Functional Description
1.1 PIN DESCRIPTIONS
V
+
This is the positive supply voltage pin, which has
a range of 2.8 to 3.8 volts. This pin should be
bypassed with a 0.1µF capacitor to ground.
GND
This is the ground pin.
D0+, D1+ These pins connect to the positive terminal of the
diodes (e.g. a 2N3904 collector base shorted or a
Pentium thermal diode anode) and provide the
source current for forward biasing the diodes for
the temperature measurement. During a tem-
perature conversion, the current source switches
between 120µA and 12µA. The diodes are
sampled sequentially.
D−
This pin should be connected to the negative pin
of each diode (e.g. a 2N3904 emitter or a Pen-
tium thermal diode cathode). A star connection is
recommended. Separate traces should be routed
from this pin to each diode cathode. This pin
biases the negative diode terminals to approxi-
mately 0.7V.
O_CRIT
This is an active-low open-drain digital output. It
goes LOW when a comparison of either diode
temperature reading to the setpoint T_CRIT is
true. It returns to HIGH when the comparison of
the diode temperature, that caused the true con-
dition, to T_CRIT±1˚C is false. The CRIT com-
parator can be factory programmed to make a
greater than or less than comparison. (See Sec-
tion 1.3 LM88 OPTIONS)
O_SP1
This is an active-low open-drain digital output. It
goes LOW when the comparison of the tempera-
ture reading of diode one to the value of T_SP1 is
true. The SP1 comparator has a built in hyster-
esis of 1˚C. Therefore, O_SP1 returns to HIGH
when diode one’s temperature comparison to the
value of T_SP1±1˚C is false. The SP1 compara-
tor can be factory programmed to make a greater
than or less than comparison.(See Section 1.3
LM88 OPTIONS)
O_SP0
This is an active-low open-drain digital output. It
goes LOW when the comparison of the tempera-
ture reading of diode one to the value of T_SP0 is
true. The SP0 comparator has a built in hyster-
esis of 1˚C. Therefore, O_SP0 returns to HIGH
when diode one’s temperature comparison to the
value of T_SP0±1˚C is false. The SP0 compara-
tor can be factory programmed to make a greater
than or less than comparison.(See Section 1.3
LM88 OPTIONS)
10132611
a) When programmed for a greater than comparison
10132612
b) When programmed for a less than comparison
FIGURE 2. Comparator output temperature response diagrams
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com