Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC7313 Datasheet(PDF) 8 Page - Silan Microelectronics Joint-stock

Part # SC7313
Description  DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC7313 Datasheet(HTML) 8 Page - Silan Microelectronics Joint-stock

Back Button SC7313 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC7313 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC7313 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC7313 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC7313 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC7313 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC7313 Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC7313 Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC7313 Datasheet HTML 12Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Silan
Semiconductors
SC7313
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.1
2002.02.26
8
5. ACKNOWLEDGE
The master(microprocessor) puts a resistive HIGH level on the SDA line during the acknowledge clock
pulse(see Figure 19). The peripheral(audioprocessor) that acknowledges has to pull-down(LOW) the SDA line
during the acknowledge clock pulse, so that the SDA line is stable LOW during this clock pulse.
The audioprocessor which has been addressed has to generate an acknowledge after the reception of each
byte , otherwise the SDA line remain at the HIGH level during the ninth clock pulse time. In this case the master
transmitter can generate the STOP information in order to abort the transfer.
12
378
9
//
//
SCL
SDA
MSB
Acknowledgment
from receiver
start
Fig. 19 Acknowledge on the I2CBUS
6. TRANSMISSION WITHOUT ACKNOWLEDGE
Avoiding to detect the acknowledge of the audioprocessor, the microprocessor can use a simpler transmission:
simply it waits one clock without checking the slave acknowledgig, and sends the new data.
This approach of course is less protected from mis-working and decreases the noise immunity.
SOFTWARE SPECIFICATION
1. Interface protocol
The interface protocol comprises:
A start conditions
A chip address byte, containing the SC7313 address(the 8
th bit of the bytes must be 0). The SC7313
must always acknowledge at the end of each transmitted byte.
A sequence of data(N-bytes + acknowledge)
A stop condition (P)
S 1
0
0
0
1
0
0
0
ACK
DATA
ACK
DATA
P
MSB
LSB
SC7313 address
MSB
LSB
MSB
LSB
ACK
Data Transferred
(N-Bytes + Acknowledge)
ACK: Acknowledge
S: Start
P: Stop
Max clock speed: 100kbits/sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com