Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC7313 Datasheet(PDF) 10 Page - Silan Microelectronics Joint-stock

Part # SC7313
Description  DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC7313 Datasheet(HTML) 10 Page - Silan Microelectronics Joint-stock

Back Button SC7313 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC7313 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC7313 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC7313 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC7313 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC7313 Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC7313 Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC7313 Datasheet HTML 12Page - Silan Microelectronics Joint-stock SC7313 Datasheet HTML 13Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Silan
Semiconductors
SC7313
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.1
2002.02.26
10
2. speaker attenuators
MSB
LSB
Function
1
0
0
B1
B0
A2
A1
A0
Speaker ATT LF
1
0
1
B1
B0
A2
A1
A0
Speaker ATT RF
1
1
0
B1
B0
A2
A1
A0
Speaker ATT LR
1
1
1
B1
B0
A2
A1
A0
Speaker ATT RR
000
0
001
-1.25
010
-2.5
011
-3.75
100
-5
101
-6.25
110
-7.5
111
-8.75
00
0
01
-10
10
-20
11
-30
11
111
MUTE
For example, attenuation of 25dB on speaker RF is given by: 10110100
4. Audio switch
MSB
LSB
Function
0
1
0
G1
G0
S2S1S0
Audio switch
0
0
Stereo 1
0
1
Stereo 2
1
0
Stereo 3
1
1
Stereo 4
0
Loudness ON
1
Loudness OFF
0
0
+11.25dB
0
1
+7.5dB
1
0
+3.75dB
1
1
0dB
For example, to select the stereo 2 input with a gain of +7.5dB Loudness ON the 8bit string is: 01001001
Note: Stereo4 is connected internally, but not available on pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com