Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC7313 Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SC7313
Description  DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC7313 Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SC7313 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC7313 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC7313 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC7313 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC7313 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC7313 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC7313 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC7313 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC7313 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Silan
Semiconductors
SC7313
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.1
2002.02.26
2
BLOCK DIAGRAM
VOLUME
&LOUDNESS
BASS
TREBLE
VOLUME
&LOUDNESS
BASS
TREBLE
SERIAL BUS DECODER + LATCHES
15
14
13
9
10
11
17
16
12
19
18
4
7
6
8
21
20
5
28
27
26
23
25
24
22
SUPPLY
1
2
3
TREBLE
(L)
B-IN
(L)
B-OUT
(L)
LOUDNESS
(L)
IN
(L)
OUT
(L)
LEFT
INPUTS
RIGHT
INPUTS
TREBLE
(R)
B-IN
(R)
B-OUT
(R)
LOUDNESS
(R)
IN
(R)
OUT
(R)
CREF
VDD
A-GND
RIGHT
REAR
OUT
RIGHT
FRONT
OUT
DIG-GND
SDA
SCL
LEFT
REAR
OUT
LEFT
FRONT
OUT
BUS
MUTE
SPEAKER
ATT
MUTE
SPEAKER
ATT
MUTE
SPEAKER
ATT
MUTE
SPEAKER
ATT
INPUT SELECTION
& GAIN CONTROL
ABSOLUTE MAXIMUM RATINGS
Characteristic
Symbol
Value
Unit
Supply Voltage
VS
10.2
V
Operating Temperature
Tamb
-40 ~ +85
°C
Storage Temperature
Tstg
-55 ~ +150
°C
QUICK REFERENCE DATA
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Supply Voltage
Vs
6
9
10
V
Maximum input signal handling
VCL
2Vrms
Total harmonic distortion ,V=1Vrms, f=1kHz
THD
0.01
0.1
%
Signal to noise ratio
S/N
106
dB
Channel separation, f=1kHz
Sc
103
dB
Volume control, 1.25dB step
-78.75
0
dB
Bass and treble control, 2dB step
-14
+14
dB
Fader and balance control, 1.25dB step
-38.75
0
dB
Input gain, 3.75dB step
0
11.25
dB
Mute attenuation
100
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com