Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC7313 Datasheet(PDF) 3 Page - Silan Microelectronics Joint-stock

Part # SC7313
Description  DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC7313 Datasheet(HTML) 3 Page - Silan Microelectronics Joint-stock

  SC7313 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC7313 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC7313 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC7313 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC7313 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC7313 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC7313 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC7313 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC7313 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Silan
Semiconductors
SC7313
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.1
2002.02.26
3
ELECTRICAL CHARACTERISTICS (Refer to the test circuit)
(Tamb=25
°C VS=9.0V,RL=10kΩ RG=600Ω all controls flat(G=0), f=1kHz,Unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
SUPPLY VOLTAGE
Operating Supply Voltage
VS
6
9
10.0
V
Operating Supply Current
IS
20.0
35.0
mA
Ripple rejection of Supply Voltage
SVR
60
80
dB
INPUTS SELECTORS
Input resistance
RII
Input 1,2,3
35
50
70
k
Ω
Clipping Level
VCL
22.5
Vrms
Input Separation (note 2)
SIN
80
100
dB
Output load resistance
RL
Pin7,17
4
k
Ω
Minimum input Gain
GIN(MIN)
-1
0
1
dB
Maximum input gain
GIN(MAX)
11.25
dB
Step resolution
GSTEP
3.75
dB
Input noise
eIN
G=11.25dB
2
µV
Adjacent gain steps
4
20
mV
DC steps
VDC
G=18.75 to MUTE
4
mV
VOLUME CONTROL
Input resistance
RIV
20
33
50
k
Ω
Control range
Crange
70
75
80
dB
Minimum attenuation
AV(min)
-1
0
1
dB
Maximum attenuation
AV(max)
70
75
80
dB
Step resolution
ASTEP
0.5
1.25
1.75
dB
AV=0 to –20dB
-1.25
0
1.25
Attenuation set error
EA
AV=-20 to –60dB
-3
2
dB
Tracking error
ET
2dB
Adjacent attenuation steps
0
3
mV
DC steps
VDC
From 0dB to AV max
0.5
7.5
mV
SPEAKER ATTENUATORS
Control Range
Crange
35
37.5
40
dB
Step resolution
SSTEP
0.5
1.25
1.75
dB
Attenuation Set error
EA
1.5
dB
Output Mute Attenuation
AMUTE
80
100
dB
Adjacent attenuation steps
0
3
mV
DC steps
VDC
From 0dB to MUTE
1
10
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com