Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC7313 Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock

Part # SC7313
Description  DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC7313 Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock

  SC7313 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC7313 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC7313 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC7313 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC7313 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC7313 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC7313 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC7313 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC7313 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Silan
Semiconductors
SC7313
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.1
2002.02.26
1
DIGITAL CONTROLLED STEREO
AUDIO PROCESSOR WITH LOUDNESS
DESCRIPTION
The SC7313 is a volume, tone (bass and treble), balance (left/
right) and fader(front/rear) processor for quality audio applications in
car radio and Hi-Fi systems. Selectable input gain and external
loudness function are provided. Control is accomplished by serial
I2C bus microprocessor interface. The AC signal settings is obtained
by resistor networks and switches combined with operational
amplifiers. Due to the Used BIPOLAR/CMOS technology, low
distortion, low noise and low DC stepping are obtained.
FEATURES
* Input multiplexer:
--3 stereo inputs
--Selectable input gain for optimal adaptation to different
sources
* Four speaker attenuators:
--4 independent speakers control in 1.25dB steps for
balance and fader facilities
--Independent mute function
* All functions programmable via serial I2CBus
DIP-28
SOP-28
ORDERING INFORMATION
Device
Package
SC7313
DIP-28-600-2.54
SC7313S
SOP-28-375-1.27
* Loudness function
* Volume control in 1.25dB steps
* Treble and bass control
* Input and output for external equalizer or
noise reduction system
PIN CONFIGURATIONS
SC7313
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
CREF
GND
VDD
OUT(R)
R3
R2
R1
LOUD L
L3
L2
SCL
SDA
DIG GND
OUT LF
OUT RF
OUT LR
OUT RR
BOUT(R)
BIN(R)
BOUT(L)
BIN(L)
OUT(L)
IN(L)
L1
L
R
IN(R)
LOUD R
TREBLE
RIGHT
INPUTS
LEFT
INPUTS
)
LEFT INPUTS
BUS
INPUTS
BASS


Similar Part No. - SC7313

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC7312 SILAN-SC7312 Datasheet
261Kb / 12P
4CH OUTPUT STEREO AUDIO PROCESSOR WITH 4 STEREO INPUTS AND TONE/VOLUME CONTROL
SC7312S SILAN-SC7312S Datasheet
261Kb / 12P
4CH OUTPUT STEREO AUDIO PROCESSOR WITH 4 STEREO INPUTS AND TONE/VOLUME CONTROL
SC7314 SILAN-SC7314 Datasheet
294Kb / 13P
4CH OUTPUT STEREO AUDIO PROCESSOR WITH 4 STEREO INPUTS AND TONE/VOLUME CONTROL
SC7314D SILAN-SC7314D Datasheet
294Kb / 13P
4CH OUTPUT STEREO AUDIO PROCESSOR WITH 4 STEREO INPUTS AND TONE/VOLUME CONTROL
SC7314S SILAN-SC7314S Datasheet
294Kb / 13P
4CH OUTPUT STEREO AUDIO PROCESSOR WITH 4 STEREO INPUTS AND TONE/VOLUME CONTROL
More results

Similar Description - SC7313

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7300 STMICROELECTRONICS-TDA7300 Datasheet
288Kb / 16P
DIGITAL CONTROLLED STEREO AUDIO PROCESSOR
May-1991
TDA7309 STMICROELECTRONICS-TDA7309 Datasheet
128Kb / 12P
DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
Sep-1997
TDA7312 STMICROELECTRONICS-TDA7312 Datasheet
116Kb / 13P
DIGITAL CONTROLLED STEREO AUDIO PROCESSOR
Nov-1999
TDA7313 STMICROELECTRONICS-TDA7313 Datasheet
131Kb / 14P
DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
Nov-1999
TDA7313N STMICROELECTRONICS-TDA7313N Datasheet
130Kb / 14P
DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
Nov-1999
TDA7314 STMICROELECTRONICS-TDA7314 Datasheet
111Kb / 12P
DIGITAL CONTROLLED AUDIO PROCESSOR WITH LOUDNESS
Nov-1999
TDA7315 STMICROELECTRONICS-TDA7315 Datasheet
114Kb / 12P
DIGITAL CONTROLLED AUDIO PROCESSOR
Jul-1998
TDA7318 STMICROELECTRONICS-TDA7318 Datasheet
122Kb / 14P
DIGITAL CONTROLLED STEREO AUDIO PROCESSOR
Nov-1999
TDA7303 STMICROELECTRONICS-TDA7303 Datasheet
276Kb / 20P
Digital controlled stereo audio processor with loudness
04-Aug-2006
TDA7309 STMICROELECTRONICS-TDA7309_06 Datasheet
227Kb / 14P
DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
Mar-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com