Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # MSC
Description  Switching Power Modules for PCB Mounting
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

MSC Datasheet(HTML) 1 Page - Arch Electronics Corp.

  MSC_16 Datasheet HTML 1Page - Arch Electronics Corp. MSC_16 Datasheet HTML 2Page - Arch Electronics Corp. MSC_16 Datasheet HTML 3Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VER : D_5
update : 2016.09.01
AC-DC Medical
MSC SERIES
40 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-1-
ELECTRICAL SPECIFICATIONS
Model No.
( Single Output )
MSC-3.3S
MSC-5S
MSC-9S
MSC-12S
MSC-15S
MSC-24S
Max output wattage
( W )
26.4W
40W
40W
40W
40W
40W
Voltage (V.DC.)
3.3V
5V
9V
12V
15V
24V
Current (mA) max
8000
8000
4444
3333
2666
1667
Voltage set accuracy
±2%
±2%
±2%
±2%
±2%
±2%
Line regulation (typ.)
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
Load regulation (1-100%) (typ.)
1%
1%
1%
1%
1%
1%
Minimum load
1%
1%
1%
1%
1%
1%
Efficiency (typ.)
74%
79%
82%
83%
83%
83%
Output
Maximum Capacitive Load (at 230 VAC)
70000 uF
33000 uF
10000 uF
4000 uF
3000 uF
1200 uF
Model No.
( Dual Output )
MSC-5D
MSC-12D
MSC-15D
Max output wattage
( W )
40W
40W
40W
Output 1
Output 2
Output 1
Output 2
Output 1
Output 2
Voltage (V.DC.)
+5V
-5V
+12V
-12V
+15V
-15V
Current (mA) max
4000
4000
1666
1666
1333
1333
Voltage set accuracy
±2%
±2%
±2%
Line regulation (typ.)
0.5%
0.5%
0.5%
Load regulation (10-100%) (typ.)
1% (symmetric load)
1% (symmetric load)
1% (symmetric load)
Cross regulation (typ.)
5%
5%
5%
Minimum load
10%
10%
10%
Efficiency (typ.)
80%
83%
83%
Output
Maximum Capacitive Load (at 230 VAC)
±6000 uF
±1000 uF
±2000 uF
Model No.
( Dual Output )
MSC-5S12S
MSC-5S24S
Max output wattage
( W )
40W
40W
Output 1
Output 2
Output 1
Output 2
Voltage (V.DC.)
5V
12V
5V
24V
Current (mA) max
5000
1250
5000
625
Voltage set accuracy
±3%
±5%
±3%
±5%
Line regulation (typ.)
0.5%
5%
0.5%
5%
Load regulation (10-100%) (typ.)
2% (symmetric load)
6% (symmetric load)
2% (symmetric load)
6% (symmetric load)
Cross regulation (typ.)
1%
7%
1%
7%
Minimum load
25%
25%
Efficiency (typ.)
80%
80%
Output
Maximum Capacitive Load (at 230 VAC)
15000 uF / 750 uF
15000 uF / 200 uF
KEY FEATURES
 Switching Power Modules for PCB Mounting
 Fully Encapsulated Plastic Case
 Universal Input Range 90-264VAC, 47-440 Hz
 Regulated Output
 Low Ripple and Noise
 Isolation Class II
 CE, CB, UL, cUL, Approvals
 3-Year Product Warranty


Similar Part No. - MSC_16

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC1162 OKI-MSC1162 Datasheet
110Kb / 14P
40-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
MSC1162A OKI-MSC1162A Datasheet
110Kb / 14P
40-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
MSC1163 OKI-MSC1163 Datasheet
109Kb / 13P
40-Bit Anode Driver
MSC1164 OKI-MSC1164 Datasheet
120Kb / 13P
20-Bit Grid/Anode Driver
MSC7165 OKI-MSC7165 Datasheet
83Kb / 8P
16-Bit Grid Driver with 4 to 16-Decoder
More results

Similar Description - MSC_16

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2IO MACOM-2IO Datasheet
344Kb / 4P
Mounting Boards for Input/Output Modules
logo
Arch Electronics Corp.
MSC60 ARCH-MSC60 Datasheet
248Kb / 4P
Switching Power Modules for PCB Mounting
logo
AIMTEC
AM30K-I-Z AIMTEC-AM30K-I-Z Datasheet
328Kb / 5P
Power modules for PCB mounting
logo
Arch Electronics Corp.
MSC60 ARCH-MSC60_16 Datasheet
150Kb / 3P
Switching Power Modules for PCB Mounting
MSC-E1 ARCH-MSC-E1_16 Datasheet
245Kb / 3P
Switching Power Modules for PCB Mounting
MTC ARCH-MTC_16 Datasheet
241Kb / 3P
Switching Power Modules for PCB Mounting
MTC-E1 ARCH-MTC-E1_16 Datasheet
267Kb / 3P
Switching Power Modules for PCB Mounting
MSC-E1_SERIES ARCH-MSC-E1_SERIES Datasheet
257Kb / 3P
Switching Power Modules for PCB Mounting
MTC-E1_SERIES ARCH-MTC-E1_SERIES Datasheet
250Kb / 3P
Switching Power Modules for PCB Mounting
logo
TE Connectivity Ltd
2IO TEC-2IO Datasheet
344Kb / 4P
Mounting Boards for Input/Output Modules
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com