Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS840004 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS840004
Description  FEMTOCLOCKS CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS840004 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS840004 Datasheet HTML 1Page - Integrated Circuit Systems ICS840004 Datasheet HTML 2Page - Integrated Circuit Systems ICS840004 Datasheet HTML 3Page - Integrated Circuit Systems ICS840004 Datasheet HTML 4Page - Integrated Circuit Systems ICS840004 Datasheet HTML 5Page - Integrated Circuit Systems ICS840004 Datasheet HTML 6Page - Integrated Circuit Systems ICS840004 Datasheet HTML 7Page - Integrated Circuit Systems ICS840004 Datasheet HTML 8Page - Integrated Circuit Systems ICS840004 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Integrated
Circuit
Systems, Inc.
8400042AG
www.icst.com/products/hiperclocks.html
REV. A SEPTEMBER 16, 2004
2
ICS840004
FEMTOCLOCKS™CRYSTAL-TO-
LVCMOS/LVTTL FREQUENCY SYNTHESIZER
PRELIMINARY
TABLE 1. PIN DESCRIPTIONS
TABLE 2. PIN CHARACTERISTICS
r
e
b
m
u
Ne
m
a
Ne
p
y
Tn
o
i
t
p
i
r
c
s
e
D
10
L
E
S
_
Ft
u
p
n
In
w
o
d
ll
u
P.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
n
i
p
t
c
e
l
e
s
y
c
n
e
u
q
e
r
F
9
,
2c
nd
e
s
u
n
U.
t
c
e
n
n
o
c
o
N
3L
E
S
_
L
A
T
X
nt
u
p
n
In
w
o
d
ll
u
P
e
c
n
e
r
e
f
e
r
L
L
P
e
h
t
s
a
s
t
u
p
n
i
K
L
C
_
T
S
E
T
r
o
l
a
t
s
y
r
c
e
h
t
n
e
e
w
t
e
b
s
t
c
e
l
e
S
L
A
T
X
s
t
c
e
l
e
s
,
W
O
L
n
e
h
W
.
K
L
C
_
T
S
E
T
s
t
c
e
l
e
s
,
H
G
I
H
n
e
h
W
.
e
c
r
u
o
s
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
s
u
p
n
i
4K
L
C
_
T
S
E
Tt
u
p
n
In
w
o
d
ll
u
P.
t
u
p
n
i
k
c
o
l
c
L
T
T
V
L
/
S
O
M
C
V
L
d
e
d
n
e
-
e
l
g
n
i
S
5E
Ot
u
p
n
Ip
u
ll
u
P
e
h
t
,
W
O
L
n
e
h
W
.
e
v
i
t
c
a
e
r
a
s
t
u
p
t
u
o
e
h
t
,
H
G
I
H
n
e
h
W
.
n
i
p
e
l
b
a
n
e
t
u
p
t
u
O
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
e
t
a
t
s
e
c
n
a
d
e
p
m
i
h
g
i
h
a
n
i
e
r
a
s
t
u
p
t
u
o
6R
Mt
u
p
n
In
w
o
d
ll
u
P
e
r
a
s
r
e
d
i
v
i
d
l
a
n
r
e
t
n
i
e
h
t
,
H
G
I
H
c
i
g
o
l
n
e
h
W
.
t
e
s
e
R
r
e
t
s
a
M
H
G
I
H
e
v
i
t
c
A
l
a
n
r
e
t
n
i
e
h
t
,
W
O
L
c
i
g
o
l
n
e
h
W
.
w
o
l
o
g
o
t
s
t
u
p
u
t
o
e
h
t
g
n
i
s
u
a
c
t
e
s
e
r
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
d
e
l
b
a
n
e
e
r
a
s
t
u
p
t
u
o
e
h
t
d
n
a
s
r
e
d
i
v
i
d
7L
E
S
_
L
L
P
nt
u
p
n
In
w
o
d
ll
u
P
.
t
u
p
t
u
o
O
C
V
e
h
t
m
o
r
f
n
e
v
i
r
d
s
i
t
u
p
t
u
o
e
h
t
,
W
O
L
n
e
h
W
.
s
s
a
p
y
B
L
L
P
=
y
c
n
e
u
q
e
r
f
t
u
p
t
u
o
e
h
t
d
n
a
d
e
s
s
a
p
y
b
s
i
L
L
P
e
h
t
,
H
G
I
H
n
e
h
W
.
r
e
d
i
v
i
d
t
u
p
t
u
o
N
/
y
c
n
e
u
q
e
r
f
k
c
o
l
c
e
c
n
e
r
e
f
e
r
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
8V
A
D
D
r
e
w
o
P.
n
i
p
y
l
p
p
u
s
g
o
l
a
n
A
0
1V
D
D
r
e
w
o
P.
n
i
p
y
l
p
p
u
s
e
r
o
C
,
1
1
2
1
,
T
U
O
_
L
A
T
X
N
I
_
L
A
T
X
t
u
p
n
I
.
t
u
p
t
u
o
e
h
t
s
i
T
U
O
_
L
A
T
X
.
e
c
a
f
r
e
t
n
i
r
o
t
a
ll
i
c
s
o
l
a
t
s
y
r
C
.
t
u
p
n
i
e
h
t
s
i
N
I
_
L
A
T
X
9
1
,
3
1D
N
Gr
e
w
o
P.
d
n
u
o
r
g
y
l
p
p
u
s
r
e
w
o
P
5
1
,
4
1
8
1
,
7
1
,
2
Q
,
3
Q
0
Q
,
1
Q
t
u
p
t
u
O
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
s
t
u
p
t
u
o
k
c
o
l
c
d
e
d
n
e
-
e
l
g
n
i
S
5
1
Ω
.
e
c
n
e
d
e
p
m
i
t
u
p
t
u
o
l
a
c
i
p
y
t
6
1V
O
D
D
r
e
w
o
P.
n
i
p
y
l
p
p
u
s
t
u
p
t
u
O
0
21
L
E
S
_
Ft
u
p
n
In
w
o
d
ll
u
P.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
n
i
p
t
c
e
l
e
s
y
c
n
e
u
q
e
r
F
:
E
T
O
N
p
u
ll
u
P
d
n
a
n
w
o
d
ll
u
P
.
s
e
u
l
a
v
l
a
c
i
p
y
t
r
o
f
,
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
n
i
P
,
2
e
l
b
a
T
e
e
S
.
s
r
o
t
s
i
s
e
r
t
u
p
n
i
l
a
n
r
e
t
n
i
o
t
r
e
f
e
r
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
C
N
I
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
I
4F
p
C
D
P
e
c
n
a
t
i
c
a
p
a
C
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
V
D
D
V
,
A
D
D
V
,
O
D
D
V
5
6
4
.
3
=D
B
TF
p
V
D
D
V
,
A
D
D
V
,
V
5
6
4
.
3
=
O
D
D
V
5
2
6
.
2
=D
B
TF
p
R
P
U
L
L
U
P
r
o
t
s
i
s
e
R
p
u
ll
u
P
t
u
p
n
I
1
5K
Ω
R
N
W
O
D
L
L
U
P
r
o
t
s
i
s
e
R
n
w
o
d
ll
u
P
t
u
p
n
I
1
5K
Ω
R
T
U
O
e
c
n
a
d
e
p
m
I
t
u
p
t
u
O
5
1
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com