Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS840004 Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS840004
Description  FEMTOCLOCKS CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS840004 Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS840004 Datasheet HTML 5Page - Integrated Circuit Systems ICS840004 Datasheet HTML 6Page - Integrated Circuit Systems ICS840004 Datasheet HTML 7Page - Integrated Circuit Systems ICS840004 Datasheet HTML 8Page - Integrated Circuit Systems ICS840004 Datasheet HTML 9Page - Integrated Circuit Systems ICS840004 Datasheet HTML 10Page - Integrated Circuit Systems ICS840004 Datasheet HTML 11Page - Integrated Circuit Systems ICS840004 Datasheet HTML 12Page - Integrated Circuit Systems ICS840004 Datasheet HTML 13Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Integrated
Circuit
Systems, Inc.
8400042AG
www.icst.com/products/hiperclocks.html
REV. A SEPTEMBER 16, 2004
10
ICS840004
FEMTOCLOCKS™CRYSTAL-TO-
LVCMOS/LVTTL FREQUENCY SYNTHESIZER
PRELIMINARY
APPLICATION INFORMATION
As in any high speed analog circuitry, the power supply pins
are vulnerable to random noise.The ICS840004 provides sepa-
rate power supplies to isolate any high switching
noise from the outputs to the internal PLL. V
DD, VDDA, and VDDO
should be individually connected to the power supply
plane through vias, and bypass capacitors should be
used for each pin. To achieve optimum jitter performance,
power supply isolation is required.
Figure 1 illustrates how
a 10
Ω resistor along with a 10µF and a .01µF bypass
capacitor should be connected to each V
DDA.
POWER SUPPLY FILTERING TECHNIQUES
FIGURE 1. POWER SUPPLY FILTERING
10
Ω
V
DDA
10
µF
.01
µF
3.3V
.01
µF
V
DD
CRYSTAL INPUT INTERFACE
The ICS840004 has been characterized with 18pF parallel reso-
nant crystals.The capacitor values shown in
Figure 2 below were
Figure 2. CRYSTAL INPUt INTERFACE
determined using a 26.5625MHz 18pF parallel resonant crystal and
were chosen to minimize the ppm error.
ICS84332
XTAL_IN
XTAL_OUT
X1
18pF Parallel Cry stal
C2
22p
C1
22p
ICS840004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com