Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS840004 Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS840004
Description  FEMTOCLOCKS CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS840004 Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS840004 Datasheet HTML 5Page - Integrated Circuit Systems ICS840004 Datasheet HTML 6Page - Integrated Circuit Systems ICS840004 Datasheet HTML 7Page - Integrated Circuit Systems ICS840004 Datasheet HTML 8Page - Integrated Circuit Systems ICS840004 Datasheet HTML 9Page - Integrated Circuit Systems ICS840004 Datasheet HTML 10Page - Integrated Circuit Systems ICS840004 Datasheet HTML 11Page - Integrated Circuit Systems ICS840004 Datasheet HTML 12Page - Integrated Circuit Systems ICS840004 Datasheet HTML 13Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Integrated
Circuit
Systems, Inc.
840004AG
www.icst.com/products/hiperclocks.html
REV. A SEPTEMBER 16, 2004
11
ICS840004
FEMTOCLOCKS™CRYSTAL-TO-
LVCMOS/LVTTL FREQUENCY SYNTHESIZER
PRELIMINARY
RELIABILITY INFORMATION
TRANSISTOR COUNT
The transistor count for ICS840004 is: TBD
TABLE 6.
θ
JA
VS
. AIR FLOW TABLE FOR 20 LEAD TSSOP
θθθθθ
JA by Velocity (Linear Feet per Minute)
0
200
500
Single-Layer PCB, JEDEC Standard Test Boards
114.5°C/W
98.0°C/W
88.0°C/W
Multi-Layer PCB, JEDEC Standard Test Boards
73.2°C/W
66.6°C/W
63.5°C/W
NOTE: Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs.
R2
10
To Logic
Input
pins
VDDA
C4
0.01u
RD1
Not Install
C3
10uF
3.3V
LVCMOS
LVCMOS
Zo = 50 Ohm
XTAL_OUT
Set Logic
Input to
'1'
Logic Control Input Examples
XTAL_IN
RD2
1K
R3
36
C1
22pF
X1
R4
36
Set Logic
Input to
'0'
3.3V
Zo = 50 Ohm
C6
0.1u
C2
22pF
3.3V
RU1
1K
C5
0.1u
3.3V
3.3V
To Logic
Input
pins
RU2
Not Install
U1
ICS840004
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
20
19
18
17
F_SEL0
nc
nXTAL_SEL
TEST_CLK
OE
MR
nPLL_SEL
VDDA
nc
VDD
XTAL_OUT
XTAL_IN
GND
Q3
Q2
VDDO
F_SEL1
GND
Q0
Q1
LAYOUT GUIDELINE
Figure 3 shows a schematic example of the ICS840004. An
example of LVCMOS termination is shown in this schematic.
Additional LVCMOS termination approaches are shown in the
LVCMOS Termination Application Note. In this example, an 18
pF parallel resonant 26.5625MHz crystal is used. The C1=22pF
FIGURE 3. ICS840004 SCHEMATIC EXAMPLE
and C2=22pF are recommended for frequency accuracy. For
different board layout, the C1 and C2 may be slightly adjusted
for optimizing frequency accuracy. 1K
Ω pullup or pulldown re-
sistors can be used for the logic control input pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com