Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS840004 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS840004
Description  FEMTOCLOCKS CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS840004 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS840004 Datasheet HTML 1Page - Integrated Circuit Systems ICS840004 Datasheet HTML 2Page - Integrated Circuit Systems ICS840004 Datasheet HTML 3Page - Integrated Circuit Systems ICS840004 Datasheet HTML 4Page - Integrated Circuit Systems ICS840004 Datasheet HTML 5Page - Integrated Circuit Systems ICS840004 Datasheet HTML 6Page - Integrated Circuit Systems ICS840004 Datasheet HTML 7Page - Integrated Circuit Systems ICS840004 Datasheet HTML 8Page - Integrated Circuit Systems ICS840004 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Integrated
Circuit
Systems, Inc.
840004AG
www.icst.com/products/hiperclocks.html
REV. A SEPTEMBER 16, 2004
1
ICS840004
FEMTOCLOCKS™CRYSTAL-TO-
LVCMOS/LVTTL FREQUENCY SYNTHESIZER
PRELIMINARY
GENERAL DESCRIPTION
The ICS840004 is a 4 output LVCMOS/LVTTL
Synthesizer optimized to generate Ethernet
reference clock frequencies and is a member of
the HiPerClocksTM family of high performance
clock solutions from ICS. Using a 26.5625MHz,
18pF parallel resonant crystal, the following frequencies can be
generated based on the 2 frequency select pins (F_SEL1:0):
212.5MHz, 159.375MHz, 156.25MHz, 106.25MHz, and
53.125MHz.The ICS840004 uses ICS’ 3rd generation low phase
noise VCO technology and can achieve 1ps or lower typical
random rms phase jitter, easily meeting Ethernet jitter
requirements. The ICS840004 is packaged in a small 20-pin
TSSOP package.
HiPerClockS™
ICS
BLOCK DIAGRAM
FEATURES
• Four LVCMOS/LVTTL outputs, 15
Ω typical output impedance
• Selectable crystal oscillator interface
or LVCMOS single-ended input
• Supports the following input frequencies:
212.5MHz, 159.375MHz, 156.25MHz, 106.25MHz and
53.125MHz
• RMS phase jitter @ 212.5MHz (637KHz - 10MHz):
0.98ps typical
• RMS phase noise at 212.5MHz, V
DDO = 3.3V
Phase noise:
Offset
Noise Power
100Hz ............... -88.8 dBc/Hz
1KHz .............. -109.0 dBc/Hz
10KHz .............. -116.1 dBc/Hz
100KHz .............. -117.5 dBc/Hz
• Full 3.3V or 3.3V core/2.5V output supply mode
• 0°C to 70°C ambient operating temperature
Q0
Q1
Q2
Q3
OE
F_SEL1:0
nPLL_SEL
nXTAL_SEL
XTAL_IN
XTAL_OUT
TEST_CLK
MR
OSC
Phase
Detector
VCO
M = ÷24 (fixed)
F_SEL1:0
0 0 ÷3
0 1 ÷4
1 0 ÷6 (default)
1 1 ÷12
0
1
1
0
2
N
26.5625MHz
Pullup
Pulldown
Pulldown
Pulldown
Pulldown:Pulldown
Pulldown
FREQUENCY SELECT FUNCTION TABLE
PIN ASSIGNMENT
ICS840004
20-Lead TSSOP
6.5mm x 4.4mm x 0.92mm
package body
G Package
Top View
F_SEL0
nc
nXTAL_SEL
TEST_CLK
OE
MR
nPLL_SEL
VDDA
nc
VDD
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
F_SEL1
GND
Q0
Q1
VDDO
Q2
Q3
GND
XTAL_IN
XTAL_OUT
s
t
u
p
n
I
t
u
p
t
u
O
y
c
n
e
u
q
e
r
F
e
g
n
a
R
t
u
p
n
I
y
c
n
e
u
q
e
r
F
1
L
E
S
_
F0
L
E
S
_
F
r
e
d
i
v
i
D
M
e
u
l
a
V
r
e
d
i
v
i
D
N
e
u
l
a
V
N
/
M
e
u
l
a
V
o
i
t
a
R
5
2
6
5
.
6
20
0
4
23
8
5
.
2
1
2
5
2
6
5
.
6
20
1
4
24
6
5
7
3
.
9
5
1
5
2
6
5
.
6
21
0
4
26
4
5
2
.
6
0
1
5
2
6
5
.
6
21
1
4
22
12
5
2
1
.
3
5
6
6
1
4
0
.
6
20
1
4
24
6
5
2
.
6
5
1
The Preliminary Information presented herein represents a product in prototyping or pre-production. The noted characteristics are based on initial
product characterization. Integrated Circuit Systems, Incorporated (ICS) reserves the right to change any circuitry or specifications without notice.


Similar Part No. - ICS840004

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS840004-01 ICST-ICS840004-01 Datasheet
262Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840004-11 ICST-ICS840004-11 Datasheet
172Kb / 10P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840004A01 ICST-ICS840004A01 Datasheet
262Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840004A11 ICST-ICS840004A11 Datasheet
172Kb / 10P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840004AG-01 ICST-ICS840004AG-01 Datasheet
262Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
More results

Similar Description - ICS840004

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS840001-34 ICST-ICS840001-34 Datasheet
167Kb / 9P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840001I ICST-ICS840001I Datasheet
175Kb / 11P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840002 ICST-ICS840002 Datasheet
205Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840004-11 ICST-ICS840004-11 Datasheet
172Kb / 10P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840004I ICST-ICS840004I Datasheet
168Kb / 11P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
REV. A JUNE 28, 2005
ICS840008-01 ICST-ICS840008-01 Datasheet
192Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-LVCMOS/LVTTL FREQUENCY SYNTHESIZER
REV. A APRIL 7, 2005
ICS840021I ICST-ICS840021I Datasheet
186Kb / 11P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
REV. A MAY 19, 2005
ICS840051I ICST-ICS840051I Datasheet
210Kb / 10P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
REV. A JANUARY 14, 2005
logo
Integrated Device Techn...
ICS840002I-01 IDT-ICS840002I-01 Datasheet
264Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
840001I-34 IDT-840001I-34 Datasheet
197Kb / 15P
Femtoclocks Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com