Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS840004 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS840004
Description  FEMTOCLOCKS CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS840004 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS840004 Datasheet HTML 1Page - Integrated Circuit Systems ICS840004 Datasheet HTML 2Page - Integrated Circuit Systems ICS840004 Datasheet HTML 3Page - Integrated Circuit Systems ICS840004 Datasheet HTML 4Page - Integrated Circuit Systems ICS840004 Datasheet HTML 5Page - Integrated Circuit Systems ICS840004 Datasheet HTML 6Page - Integrated Circuit Systems ICS840004 Datasheet HTML 7Page - Integrated Circuit Systems ICS840004 Datasheet HTML 8Page - Integrated Circuit Systems ICS840004 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Integrated
Circuit
Systems, Inc.
840004AG
www.icst.com/products/hiperclocks.html
REV. A SEPTEMBER 16, 2004
5
ICS840004
FEMTOCLOCKS™CRYSTAL-TO-
LVCMOS/LVTTL FREQUENCY SYNTHESIZER
PRELIMINARY
TYPICAL PHASE NOISE AT 53.125MHZ @3.3V
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
-130
-140
-150
-160
-170
-180
-190
53.125MHz
RMS Phase Jitter (Random)
637KHz to 10MHz = 1.00ps (typical)
OFFSET FREQUENCY (HZ)
Phase Noise Result by adding
Fibre Channel Filter to raw data
Raw Phase Noise Data
Fibre Channel Filter
10
100
1k
10k
100k
1M
10M
100M
TYPICAL PHASE NOISE AT 53.125MHZ @2.5V
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
-130
-140
-150
-160
-170
-180
-190
53.125MHz
RMS Phase Jitter (Random)
637KHz to 10MHz = 0.99ps (typical)
OFFSET FREQUENCY (HZ)
Phase Noise Result by adding
Fibre Channel Filter to raw data
Raw Phase Noise Data
Fibre Channel Filter
10
100
1k
10k
100k
1M
10M
100M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com