Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS2972 Datasheet(PDF) 73 Page - Semtech Corporation

Part # GS2972
Description  3G/HD/SD-SDI Serializer with Complete SMPTE Audio & Video Support
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2972 Datasheet(HTML) 73 Page - Semtech Corporation

Back Button GS2972 Datasheet HTML 69Page - Semtech Corporation GS2972 Datasheet HTML 70Page - Semtech Corporation GS2972 Datasheet HTML 71Page - Semtech Corporation GS2972 Datasheet HTML 72Page - Semtech Corporation GS2972 Datasheet HTML 73Page - Semtech Corporation GS2972 Datasheet HTML 74Page - Semtech Corporation GS2972 Datasheet HTML 75Page - Semtech Corporation GS2972 Datasheet HTML 76Page - Semtech Corporation GS2972 Datasheet HTML 77Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 125 page
background image
GS2972 3G/HD/SD-SDI Serializer with Complete
SMPTE Audio & Video Support
Final Data Sheet
Rev. 9
GENDOC-047479
September 2013
73 of 125
www.semtech.com
By default (at power up or after system reset), the four RASTER_STRUC_X, STD_LOCK
and INT/PROG registers are set to zero. These registers are also cleared when the
SMPTE_BYPASS pin is LOW, or the LOCKED pin is LOW.
Note 1:
The Line Numbers in brackets refer to Version zero SMPTE ST 352 packet
locations, if they are different from the Version one locations.
Note 2:
3G formats cannot be fully determined from these measurements. Their
detailed information will be derived from SMPTE ST 352 packets, which must be in the
video stream as a mandatory requirement of the SMPTE ST 424 specification, as
described below.
ST 296 (HD)
1280x720/30 (1:1)
2008
1280
3300
10 (13)1
02h
0
1280x720/30 (1:1) – EM
408
2880
3300
10 (13)1
03h
0
1280x720/50 (1:1)
688
1280
1980
10 (13)1
04h
0
1280x720/50 (1:1) – EM
240
1728
1980
10 (13)1
05h
0
1280x720/25 (1:1)
2668
1280
3960
10 (13)1
06h0
1280x720/25 (1:1) – EM
492
3456
3960
10 (13)1
07h
0
1280x720/24 (1:1)
2833
1280
4125
10 (13)1
08h
0
1280x720/24 (1:1) – EM
513
3600
4125
10 (13)1
09h
0
1280x720/60 (1:1)
358
1280
1650
10 (13)1
00h
0
1280x720/60 (1:1) – EM
198
1440
1650
10 (13)1
01h
0
ST 125 (SD)
1440x487/60 (2:1)
(Or dual link progressive)
268
1440
1716
13, 276
16hX
1440x507/60 (2:1)
268
1440
1716
13, 276
17h
X
525-line 487 generic
−−
1716
13, 276
19h
X
525-line 507 generic
−−
1716
13, 276
1Bh
X
ITU-R BT.656
(SD)
1440x576/50 (2:1)
(Or dual link progressive)
280
1440
1728
9, 322
18h
X
625-line generic (EM)
−−
1728
9, 322
1Ah
X
Unknown HD
RATE_SEL0 = 0
−−
−
−
1Dh
Unknown SD
RATE_SEL0 = 1
−−
−
−
1Eh
X
Unknown 3G
RATE_SEL0 = 0
−−
−
−
1Fh
1
Notes:
1. The Line Numbers in brackets refer to version zero SMPTE ST 352 packet locations, if they are different from version 1.
2. The part may provide full or limited functionality with standards that are not included in this table. Please consult a Semtech technical
representative.
Table 4-22: Supported Video Standards (Continued)
SMPTE
STANDARD
ACTIVE
VIDEO
AREA
LENGTH
OF
HANC
LENGTH
OF ACTIVE
VIDEO
TOTAL
SAMPLES
SMPTE
ST 352
LINES
Gennum
VD_STD
[4:0]
RATE_
SEL1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com