Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS2972 Datasheet(PDF) 21 Page - Semtech Corporation

Part # GS2972
Description  3G/HD/SD-SDI Serializer with Complete SMPTE Audio & Video Support
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2972 Datasheet(HTML) 21 Page - Semtech Corporation

Back Button GS2972 Datasheet HTML 17Page - Semtech Corporation GS2972 Datasheet HTML 18Page - Semtech Corporation GS2972 Datasheet HTML 19Page - Semtech Corporation GS2972 Datasheet HTML 20Page - Semtech Corporation GS2972 Datasheet HTML 21Page - Semtech Corporation GS2972 Datasheet HTML 22Page - Semtech Corporation GS2972 Datasheet HTML 23Page - Semtech Corporation GS2972 Datasheet HTML 24Page - Semtech Corporation GS2972 Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 125 page
background image
GS2972 3G/HD/SD-SDI Serializer with Complete
SMPTE Audio & Video Support
Final Data Sheet
Rev. 9
GENDOC-047479
September 2013
21 of 125
www.semtech.com
2.3 DC Electrical Characteristics
Operating Temperature Range–
–
-20
–
85
°C
2
Functional Temperature Range–
–
-40
–
85
°C
2
Notes:
1. This is 0.7V rather than 1.2V because there is a voltage drop across an external 105
Ω resistor. See Typical Application Circuit.
2. Operating Temperature Range guarantees the parameters given in the DC Electrical Characteristics and AC Electrical Characteristics.
Functional Temperature Range guarantees a device start-up.
Table 2-2: Recommended Operating Conditions (Continued)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Note
Table 2-3: DC Electrical Characteristics
VCC = +3.3V ±5%, TA = -20°C to +85°C, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Note
System
+1.2V Supply Current
I1V2
10bit 3G
−
135
200
mA
−
20bit 3G
−
135
200
mA
−
10/20bit HD
−
100
160mA
−
10/20bit SD
−
75
120
mA
−
DVB_ASI
−
75
120
mA
−
+1.8V Supply Current
I1V8
10bit 3G
−
15
30
mA
−
20bit 3G
−
15
32
mA
−
10/20bit HD
−
15
32
mA
−
10/20bit SD
−
310
mA
−
DVB_ASI
−
310
mA
−
+3.3V Supply Current
I3V3
10bit 3G
−
90
110
mA
−
20bit 3G
−
90
110
mA
−
10/20bit HD
−
90
110
mA
−
10/20bit SD
−
70
90
mA
−
DVB_ASI
−
70
90
mA
−
Total Device Power
(IO_VDD = +1.8V)
P1D8
10bit 3G
−
400
560mW
−
20bit 3G
−
400
560mW
−
10/20bit HD
−
350
510
mW
−
10/20bit SD
−
300
450
mW
−
DVB_ASI
−
300
450
mW
−
Reset
−
200
−
mW
−
Standby
−
110
180
mW
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com