Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS2972 Datasheet(PDF) 13 Page - Semtech Corporation

Part # GS2972
Description  3G/HD/SD-SDI Serializer with Complete SMPTE Audio & Video Support
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2972 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button GS2972 Datasheet HTML 9Page - Semtech Corporation GS2972 Datasheet HTML 10Page - Semtech Corporation GS2972 Datasheet HTML 11Page - Semtech Corporation GS2972 Datasheet HTML 12Page - Semtech Corporation GS2972 Datasheet HTML 13Page - Semtech Corporation GS2972 Datasheet HTML 14Page - Semtech Corporation GS2972 Datasheet HTML 15Page - Semtech Corporation GS2972 Datasheet HTML 16Page - Semtech Corporation GS2972 Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 125 page
background image
GS2972 3G/HD/SD-SDI Serializer with Complete
SMPTE Audio & Video Support
Final Data Sheet
Rev. 9
GENDOC-047479
September 2013
13 of 125
www.semtech.com
B7
VCO_VDD
Input Power
Power pin for VCO. Connect to +1.2V DC analog followed by an RC
filter (see Typical Application Circuit on page 120). VCO_VDD is
nominally 0.7V.
B8
VCO_GND
Input Power
Ground connection for VCO. Connect to analog GND.
B9, B10
A_GND
Input Power
GND pins for sensitive analog circuitry. Connect to analog GND.
C4V/VSYNC
Synch-
ronous
with
PCLK
Input
PARALLEL DATA TIMING.
Please refer to the Input Logic parameters in the DC Electrical
Characteristics table for logic level threshold and compatibility.
TIM_861 = LOW:
The V signal is used to indicate the portion of the video field/frame
that is used for vertical blanking, when DETECT_TRS is set LOW.
The V signal should be set HIGH for the entire vertical blanking
period and should be set LOW for all lines outside of the vertical
blanking interval.
The V signal is ignored when DETECT_TRS = HIGH.
TIM_861 = HIGH:
The VSYNC signal indicates vertical timing. See Section 4.3 for
timing details.
The VSYNC signal is ignored when DETECT_TRS = HIGH.
C6, C7, C8PLL_GND
Input Power
Ground connection for PLL. Connect to analog GND.
C9, D9, E9,
F9
CD_GND
Input Power
Ground connection for the serial digital cable driver. Connect to
analog GND.
C10, D10
SDO, SDO
Output
Serial Data Output Signal.
Serial digital output signal operating at 2.97Gb/s, 2.97/1.001Gbs,
1.485Gb/s, 1.485 /1.001Gb/s or 270Mb/s.
The slew rate of the output is automatically controlled to meet
SMPTE ST 424, SMPTE ST 292 and ST 259-C specifications according
to the setting of the RATE_SEL0 and RATE_SEL1 pins.
D3
STANDBY
Input
Power Down input.
HIGH to power down device.
D4
SDO_EN/DIS
Input
CONTROL SIGNAL INPUT.
Please refer to the Input Logic parameters in the DC Electrical
Characteristics table for logic level threshold and compatibility.
Used to enable or disable the serial digital output stage.
When SDO_EN/DIS is LOW, the serial digital output signals SDO and
SDO are disabled and become high impedance.
When SDO_EN/DIS is HIGH, the serial digital output signals SDO and
SDO are enabled.
D5, F7
RSV
−
These pins are reserved and should be connected to CORE_GND.
Table 1-1: Pin Descriptions (Continued)
Pin
Number
Name
Timing
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com