Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS2972 Datasheet(PDF) 86 Page - Semtech Corporation

Part # GS2972
Description  3G/HD/SD-SDI Serializer with Complete SMPTE Audio & Video Support
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2972 Datasheet(HTML) 86 Page - Semtech Corporation

Back Button GS2972 Datasheet HTML 82Page - Semtech Corporation GS2972 Datasheet HTML 83Page - Semtech Corporation GS2972 Datasheet HTML 84Page - Semtech Corporation GS2972 Datasheet HTML 85Page - Semtech Corporation GS2972 Datasheet HTML 86Page - Semtech Corporation GS2972 Datasheet HTML 87Page - Semtech Corporation GS2972 Datasheet HTML 88Page - Semtech Corporation GS2972 Datasheet HTML 89Page - Semtech Corporation GS2972 Datasheet HTML 90Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 125 page
background image
GS2972 3G/HD/SD-SDI Serializer with Complete
SMPTE Audio & Video Support
Final Data Sheet
Rev. 9
GENDOC-047479
September 2013
86 of 125
www.semtech.com
4.12.3 Slew Rate Selection
The GS2972 supports two user-selectable output slew rates.
Control of the slew rate is determined by the setting of the RATE_SEL0 input pin.
When this pin is set HIGH, the output slew rate matches the requirements as defined by
the SMPTE ST 259-C standard.
When this pin is set LOW, the output slew rate is better than the requirements as defined
by the SMPTE ST 424 standard.
These requirements is met across all ambient temperature and power supply operating
conditions described in Section 2.
This requirement is summarized in Table 4-31:
4.12.4 Serial Digital Output Mute
When the SDO_EN/DIS pin is LOW, the serial digital output signals of the device become
high-impedance, reducing system power.
The serial digital output is also placed in the high-impedance state when the LOCKED
pin is LOW, or when the STANDBY pin is HIGH.
Table 4-31: Serial Digital Output - Rise/Fall Time
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Serial Output Rise/Fall Time
20% ~ 80%
SDOTR
SMPTE ST 292/ST 424 signal
−−
135
ps
SMPTE ST 259-C signal
400
−
800
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com