Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS2972 Datasheet(PDF) 2 Page - Semtech Corporation

Part # GS2972
Description  3G/HD/SD-SDI Serializer with Complete SMPTE Audio & Video Support
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2972 Datasheet(HTML) 2 Page - Semtech Corporation

  GS2972 Datasheet HTML 1Page - Semtech Corporation GS2972 Datasheet HTML 2Page - Semtech Corporation GS2972 Datasheet HTML 3Page - Semtech Corporation GS2972 Datasheet HTML 4Page - Semtech Corporation GS2972 Datasheet HTML 5Page - Semtech Corporation GS2972 Datasheet HTML 6Page - Semtech Corporation GS2972 Datasheet HTML 7Page - Semtech Corporation GS2972 Datasheet HTML 8Page - Semtech Corporation GS2972 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 125 page
background image
2 of 125
GS2972 3G/HD/SD-SDI Serializer with Complete
SMPTE Audio & Video Support
Final Data Sheet
Rev. 9
GENDOC-047479
September 2013
www.semtech.com
Description
The GS2972 is a complete SDI Transmitter, generating a
SMPTE ST 424, SMPTE ST 292, SMPTE ST 259-C or DVB-ASI
compliant serial digital output signal.
The integrated Narrow BW PLL allows the device to accept
parallel clocks with high input jitter, and still provide a
SMPTE compliant serial digital output.
The device can operate in four basic user selectable modes:
SMPTE mode, DVB-ASI mode, Data-Through mode, or
Standby mode.
In SMPTE mode, the GS2972 performs all SMPTE processing
features. Both SMPTE ST 425 Level A and Level B formats
are supported with optional conversion from Level A to
Level B for 1080p 50/60 4:2:2 10-bit.
In DVB-ASI mode, the device will perform 8b/10b encoding
prior to transmission.
In Data-Through mode, all SMPTE and DVB-ASI processing
is disabled. The device can be used as a simple parallel to
serial converter.
The device can also operate in a lower power Standby
mode. In this mode, no signal is generated at the output.
The GS2972 integrates a fully SMPTE-compliant Cable
Driver for SMPTE ST 259-C, SMPTE ST 292 and
SMPTE ST 424 interfaces. It features automatic dual
slew-rate selection, depending on 3Gb/s or HD or SD
operational requirements.
In accordance with SMPTE ST 272 and SMPTE ST 299, up to
eight channels (two audio groups) of serial digital audio
may be embedded into the video data stream.The input
audio signal formats supported by the device include
AES/EBU, I2S and serial audio. 16, 20 and 24-bit audio
formats are supported at 48kHz synchronous for SD modes
and 48kHz synchronous or asynchronous in HD, 3Gb/s
modes.
Application:
Multi-format Digital VTR/Video Server
Storage:
Tape/HDD/Solid State
Audio
Processor
Video
Processor
20-bit
HV F/P CLK
Audio Inputs
V ideo Inputs
GS4911
Audio Clocks
GS2972
3G-SDI
Sync
Seperator
Analog
Sync
AUDIO 1/ 2
AUDIO 3/ 4
AUDIO 5/ 6
AUDIO 7/ 8
XTAL
Keyer
Keyer
Application:
Multi-format Presentation Switcher
(Output Stage)
DVE
Mixers
Key & Fill
Logo
Inserter
Image
Store
Key/Fill
Inputs
GS2972
10-bit + Clk
20-bit + Clk
SD/HD/3G-SDI
Auxiliary
Preview
Program
Audio
Mixer
AE S from Input Dem ux
V oice-Over
P reset AE S In
Program AE S In
P rogram AE S Out
P review AE S Out
I2S Audio + Clocks
20-bit + Clk
GS4911
Analog
Sync
XTAL
Sync
Seperator
Clock &
Sync Distribution
GS2972
GS2972
SD/HD/3G-SDI
SD/HD/3G-SDI
Application:
3Gb/s SDI Test Signal Generator
GS4911
Analog
Sync
Sync
Seperator
Video
Signal
Generator
XTAL
Audio
Generator
Memory
HV F/PCLK
Audio Clocks
20-bit
GS2972
3G-SDI
AE S 1/ 2
AE S 3/ 4
AE S 5/ 6
AE S 7/ 8
HV F/PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com