Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS2986 Datasheet(PDF) 39 Page - Semtech Corporation

Part # GS2986
Description  Multi-Rate SDI Reclocker with Equalization & De-emphasis
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2986 Datasheet(HTML) 39 Page - Semtech Corporation

Back Button GS2986 Datasheet HTML 33Page - Semtech Corporation GS2986 Datasheet HTML 34Page - Semtech Corporation GS2986 Datasheet HTML 35Page - Semtech Corporation GS2986 Datasheet HTML 36Page - Semtech Corporation GS2986 Datasheet HTML 37Page - Semtech Corporation GS2986 Datasheet HTML 38Page - Semtech Corporation GS2986 Datasheet HTML 39Page - Semtech Corporation GS2986 Datasheet HTML 40Page - Semtech Corporation GS2986 Datasheet HTML 41Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
GS2986 Multi-Rate SDI Reclocker with Equalization &
De-emphasis
Data Sheet
52134 - 3
July 2012
39 of 41
6.2 Recommended PCB Footprint
6.3 Packaging Data
6.8
5.1
6.8
5.1
0.5
4.5
4.5
NOTE: All dimensions
are in millimeters.
0.85
5.95
0.25
0.28
Parameter
Value
Package Type
6mm x 6mm 40-pin QFN
Moisture Sensitivity Level
3
Junction to Case Thermal Resistance,
θj-c
19.9°C/W
Junction to Air Thermal Resistance,
θj-a (at zero
airflow)
34.9°C/W
Junction to Board Thermal Resistance,
θj-b
12.5°C/W
Psi,
ψ
0.5°C/W
Pb-free and RoHS Compliant
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com