Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS2986 Datasheet(PDF) 30 Page - Semtech Corporation

Part # GS2986
Description  Multi-Rate SDI Reclocker with Equalization & De-emphasis
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2986 Datasheet(HTML) 30 Page - Semtech Corporation

Back Button GS2986 Datasheet HTML 26Page - Semtech Corporation GS2986 Datasheet HTML 27Page - Semtech Corporation GS2986 Datasheet HTML 28Page - Semtech Corporation GS2986 Datasheet HTML 29Page - Semtech Corporation GS2986 Datasheet HTML 30Page - Semtech Corporation GS2986 Datasheet HTML 31Page - Semtech Corporation GS2986 Datasheet HTML 32Page - Semtech Corporation GS2986 Datasheet HTML 33Page - Semtech Corporation GS2986 Datasheet HTML 34Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
GS2986 Multi-Rate SDI Reclocker with Equalization &
De-emphasis
Data Sheet
52134 - 3
July 2012
30 of 41
4.15.9 Read & Write Operation - Daisy Chained Devices
In a serial daisy chain configuration, Read and/or Write operations can be performed to
multiple devices in the chain via consecutive operations. Figure 4-12 below shows a simple 3
device configuration.
Figure 4-12: Three Devices in Daisy Chain Configuration
4.15.10 Writing to all Devices
When writing to all devices in the chain, a Write Command and corresponding Data is required
for each device. When the devices are being configured in the same way, all of them will have
the same command and data with the exception of the Chain Position bits. This example
assumes a 3-device daisy chain. A command is issued to the last device in the chain first,
although it is possible to talk to the devices in any order.
Figure 4-13: Daisy Chain Write
1. The first command issued in time is the command for the last device in the chain (chain
position = 2). When the first device receives this command it will recognize that the Chain
Position is 2 and will not execute the command. It will duplicate the command and data
word at its output and decrement the Chain Position by one.
2. Consecutive commands are issued for each device in the chain as shown.
GS2986
SDI
SDO
GS2986
SDI
SDO
GS2986
SDI
SDO
MOSI
µC
MISO
Data [15:0]
Command0 [15:0]
Data [15:0]
MOSI Command2 [15:0]
Data High 32 cycles
Chain Position = 2
CS
Data [15:0]
Command1 [15:0]
Chain Position = 1
Chain Position = 0
MISO
Data [15:0]
Command0' [15:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com