Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS2986 Datasheet(PDF) 22 Page - Semtech Corporation

Part # GS2986
Description  Multi-Rate SDI Reclocker with Equalization & De-emphasis
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2986 Datasheet(HTML) 22 Page - Semtech Corporation

Back Button GS2986 Datasheet HTML 18Page - Semtech Corporation GS2986 Datasheet HTML 19Page - Semtech Corporation GS2986 Datasheet HTML 20Page - Semtech Corporation GS2986 Datasheet HTML 21Page - Semtech Corporation GS2986 Datasheet HTML 22Page - Semtech Corporation GS2986 Datasheet HTML 23Page - Semtech Corporation GS2986 Datasheet HTML 24Page - Semtech Corporation GS2986 Datasheet HTML 25Page - Semtech Corporation GS2986 Datasheet HTML 26Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
GS2986 Multi-Rate SDI Reclocker with Equalization &
De-emphasis
Data Sheet
52134 - 3
July 2012
22 of 41
Figure 4-2: De-emphasis Waveform
4.10 Automatic and Manual Data Rate Selection
The GS2986 can be configured to manually lock to a specific data rate or automatically search
for and lock to the incoming data rate. The default configuration is AUTO mode. This can be
changed via the host interface.
In AUTO mode, the SS[1:0] registers become read only, and the bit pattern indicates the data rate
at which the PLL is currently locked to (or previously locked to). The search algorithm cycles
through the data rates and starts over if that data rate is not found (see Figure 4-3).
A “search algorithm” cycles through the supported data rates until lock is achieved, as shown in
Figure 4-3 below.
Figure 4-3: GS2986 Automatic Mode Search Algorithm
In MANUAL mode, the SS[1:0] registers become read or write pins become inputs and the data
rate can be programmed. In this mode, the search algorithm is disabled and the GS2986's PLL
V1
V2
-V1
-V2
Tx signal after de-emphasis
11110000 pattern
268
269
270
271
272
273
274
275
UI
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
De-emphasis (dB)
=20 log (V1/V2)
Power up
270Mb/s
1485Mb/s
2970Mb/s
*Note: the search algorithm does not necessarily begin with 270Mb/s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com