Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS2986 Datasheet(PDF) 1 Page - Semtech Corporation

Part # GS2986
Description  Multi-Rate SDI Reclocker with Equalization & De-emphasis
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2986 Datasheet(HTML) 1 Page - Semtech Corporation

  GS2986 Datasheet HTML 1Page - Semtech Corporation GS2986 Datasheet HTML 2Page - Semtech Corporation GS2986 Datasheet HTML 3Page - Semtech Corporation GS2986 Datasheet HTML 4Page - Semtech Corporation GS2986 Datasheet HTML 5Page - Semtech Corporation GS2986 Datasheet HTML 6Page - Semtech Corporation GS2986 Datasheet HTML 7Page - Semtech Corporation GS2986 Datasheet HTML 8Page - Semtech Corporation GS2986 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
GS2986 Multi-Rate SDI Reclocker with Equalization & De-emphasis
GS2986
1 of 41
GS2986 Multi-Rate SDI Reclocker with Equalization &
De-emphasis
Data Sheet
52134 - 3
July 2012
www.semtech.com
Features
•
SMPTE 424M, SMPTE 292M and SMPTE 259M-C compliant
•
Supports DVB-ASI at 270Mb/s
•
Single supply operation at 3.3V or 2.5V
•
180mW typical power consumption (213mW with RCO
enabled) at 2.5V
•
Input signal equalization and output-signal de-emphasis
settings to compensate for board-trace dielectric losses
•
4:1 input multiplexer patented technology
•
Choice of dual reclocked data outputs or one reclocked data
output and one clock output
•
Uses standard 27MHz crystal
•
Cascadable crystal buffer supports multiple reclockers using
a single crystal
•
Differential inputs and outputs
support DC coupling to industry-standard differential
logic
on-chip 100
Ω differential data input/output termination
selectable 400mVppd or 800mVppd output swing on
each output
seamless interface to other Gennum products
•
4 wire SPI host interface for device configuration and
monitoring
•
Standard logic control and status signal levels
•
Auto and Manual modes for rate selection
•
Standards indication in Auto mode
•
Lock Detect Output
•
Mute, Bypass and Autobypass functions
•
SD/HD indication output to control GS2978 or GS2988 dual
slew-rate cable drivers
•
Operating temperature range: -40°C to +85°C
•
Small footprint QFN package (6mm x 6mm)
•
Pb-free and RoHS compliant
Applications
•
SMPTE 424M, SMPTE 292M and SMPTE 259M-C coaxial
cable serial digital interfaces
Description
The GS2986 is a multi-rate serial digital reclocker designed to
automatically recover the embedded clock from a digital video
signal and retime the incoming video data. It will recover the
embedded clock signal and retime the data from a SMPTE 424M,
SMPTE 292M, or SMPTE 259M-C compliant digital video signal.
A serial host interface provides the ability to configure and
monitor multiple GS2986 devices in a daisy-chain configuration.
Adjustable input trace equalization (EQ) for up to 40” of FR4 trace
losses, and adjustable output de-emphasis (DE) for up to 20” of
FR4 trace losses, can be configured via the host interface.
The GS2986 can operate in either auto or manual rate selection
mode. In Auto mode, the device will automatically detect and lock
onto incoming SMPTE SDI data signals at any supported rate. For
single rate data systems, the GS2986 can be configured to operate
in Manual mode. In both modes, the device requires only one
external crystal to set the VCO frequency when not locked and
provides adjustment free operation.
The GS2986 accepts industry-standard differential input levels
including LVPECL and CML. The differential data and clock
outputs feature selectable output swing via the host interface,
ensuring compatibility with most industry-standard, terminated
differential receivers.
The GS2986 features dual differential outputs. The second output
can be configured to emit either the recovered clock signal or the
re-timed video data. This output can also be disabled to save
power.
In systems which require passing of non-SMPTE data rates, the
GS2986 can be configured to either automatically or manually
enter a bypass mode in order to pass the signal without reclocking.
The GS2986 is Pb-free, and the encapsulation compound does not
contain halogenated flame retardant. This component and all
homogeneous sub-components are RoHS compliant.


Similar Part No. - GS2986

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS2986 GENNUM-GS2986 Datasheet
3Mb / 41P
Standards indication in Auto mode
More results

Similar Description - GS2986

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1535A GENNUM-GS1535A_06 Datasheet
455Kb / 27P
Multi-Rate SDI Automatic Reclocker
GS1575B GENNUM-GS1575B Datasheet
1Mb / 28P
HD-LINX II Multi-Rate SDI Automatic Reclocker
logo
M/A-COM Technology Solu...
M21245-15 MA-COM-M21245-15 Datasheet
1Mb / 54P
3G/HD/SD-SDI Multi-rate Reclocker
M21245 MA-COM-M21245 Datasheet
1Mb / 50P
3G/HD/SD-SDI Multi-rate Reclocker
logo
Semtech Corporation
GS1575B SEMTECH-GS1575B Datasheet
1Mb / 28P
Multi-Rate SDI Automatic Reclocker
GS2965 SEMTECH-GS2965 Datasheet
3Mb / 41P
Multi-Rate SDI Reclocker with Equalization & De-emphasis
GS2975A SEMTECH-GS2975A Datasheet
1,005Kb / 27P
HD-LINX짰 III Multi-Rate SDI Automatic Reclocker
GS2985 SEMTECH-GS2985 Datasheet
3Mb / 45P
Multi-Rate SDI Reclocker with Equalization & De-emphasis
GS9075B SEMTECH-GS9075B Datasheet
1Mb / 28P
Multi-Rate SDI Automatic Reclocker
GS6150 SEMTECH-GS6150 Datasheet
1Mb / 64P
GS6150 Multi-Rate 6G UHD-SDI Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com