Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS2986 Datasheet(PDF) 23 Page - Semtech Corporation

Part # GS2986
Description  Multi-Rate SDI Reclocker with Equalization & De-emphasis
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2986 Datasheet(HTML) 23 Page - Semtech Corporation

Back Button GS2986 Datasheet HTML 19Page - Semtech Corporation GS2986 Datasheet HTML 20Page - Semtech Corporation GS2986 Datasheet HTML 21Page - Semtech Corporation GS2986 Datasheet HTML 22Page - Semtech Corporation GS2986 Datasheet HTML 23Page - Semtech Corporation GS2986 Datasheet HTML 24Page - Semtech Corporation GS2986 Datasheet HTML 25Page - Semtech Corporation GS2986 Datasheet HTML 26Page - Semtech Corporation GS2986 Datasheet HTML 27Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
GS2986 Multi-Rate SDI Reclocker with Equalization &
De-emphasis
Data Sheet
52134 - 3
July 2012
23 of 41
will only lock to the data rate selected in accordance with Table 4-7.
4.11 SD/HD Indication
The SD/HD signal indicates the output data rate of the device and can be connected to the
SD/HD input pin of dual slew rate cable drivers such as the GS2988.
When this signal is HIGH, the data rate is 270Mb/s. This signal is LOW for all other data rates.
This signal is also LOW when the device is operating in bypass mode (Auto-bypass and
User-bypass).
The SD/HD signal is LOW when the device is not locked.
4.12 Bypass Mode
In bypass mode, the GS2986 passes the data at the inputs, directly to the output. There are two
register bits that control the bypass function: BYPASS and AUTOBYPASS.
The BYPASS bit is an active-high signal which forces the GS2986 into bypass mode for as long
as the bit is asserted HIGH.
The AUTOBYPASS bit is an active-high signal that places the GS2986 into bypass mode only
when the PLL has not locked to a data rate.
Note that if BYPASS is HIGH, this will override the AUTOBYPASS functionality.
When the GS2986's PLL is not locked and BYPASS = LOW and AUTOBYPASS = LOW, the serial
digital output DDO/DDO will produce invalid data.
Table 4-7: Data Rate Indication/Selection Bit Pattern
SS[1:0]
Data Rate (Mb/s)
0
Reserved
1270
2
1485 or 1485/1.001
3
2970 or 2970/1.001
Table 4-8: Bypass Modes
Bypass
Autobypass
Device Operation
HIGH
X
Bypass Mode
LOW
HIGH
Bypass Mode if the PLL has not
locked to a data rate
LOW
LOW
Power-up default. Normal
Operation, part always tries to
lock to the incoming data
stream.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com