Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REG101 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # REG101
Description  DMOS 100mA Low-Dropout Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REG101 Datasheet(HTML) 6 Page - Texas Instruments

Back Button REG101 Datasheet HTML 2Page - Texas Instruments REG101 Datasheet HTML 3Page - Texas Instruments REG101 Datasheet HTML 4Page - Texas Instruments REG101 Datasheet HTML 5Page - Texas Instruments REG101 Datasheet HTML 6Page - Texas Instruments REG101 Datasheet HTML 7Page - Texas Instruments REG101 Datasheet HTML 8Page - Texas Instruments REG101 Datasheet HTML 9Page - Texas Instruments REG101 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
REG101
6
SBVS026C
TYPICAL CHARACTERISTICS (Cont.)
For all models, at TJ = +25°C and VENABLE = 1.8V, unless otherwise noted.
–50
25
–25
0
50
75
100
125
0.50
0.40
0.30
0.20
0.10
0.00
–0.10
–0.20
–0.30
–0.40
–0.50
Temperature (
°C)
OUTPUT VOLTAGE vs TEMPERATURE
(Output Voltage % Change Referred
to I
OUT = 50mA at +25°C)
I
OUT = 2mA
I
OUT = 100mA
I
OUT = 50mA
–50
25
–25
0
50
75
100
125
1
µ
100n
10n
1n
100p
Temperature (
°C)
GROUND PIN CURRENT, NOT ENABLED
vs TEMPERATURE
V
ENABLE = 0.5V
V
IN = VOUT + 1V
18
16
14
12
10
8
6
4
2
0
Error (%)
OUTPUT VOLTAGE ACCURACY HISTOGRAM
30
25
20
15
10
5
0
V
OUT Drift (ppm/°C)
OUTPUT VOLTAGE DRIFT HISTOGRAM
020
30
10
50
40
70
60
90
80
100
600
500
400
300
200
100
0
I
OUT (mA)
GROUND PIN CURRENT vs I
OUT
V
OUT = 2.5V
V
IN = VOUT + 1V
V
OUT = 3.3V
V
OUT = 5.0V
–50
–25
0
25
50
75
125
100
600
575
550
525
500
475
450
425
400
Temperature (
°C)
GROUND PIN CURRENT vs TEMPERATURE
I
OUT = 100mA
V
OUT = 5V
V
OUT = 3.3V
V
OUT = 2.5V
V
IN = VOUT + 1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com