Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REG101 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # REG101
Description  DMOS 100mA Low-Dropout Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REG101 Datasheet(HTML) 13 Page - Texas Instruments

Back Button REG101 Datasheet HTML 5Page - Texas Instruments REG101 Datasheet HTML 6Page - Texas Instruments REG101 Datasheet HTML 7Page - Texas Instruments REG101 Datasheet HTML 8Page - Texas Instruments REG101 Datasheet HTML 9Page - Texas Instruments REG101 Datasheet HTML 10Page - Texas Instruments REG101 Datasheet HTML 11Page - Texas Instruments REG101 Datasheet HTML 12Page - Texas Instruments REG101 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
REG101
13
SBVS026C
FIGURE 7. Maximum Power Dissipation versus Ambient Temperature for the Various Packages.
POWER DISSIPATION
The REG101 is available in two different package configu-
rations. The ability to remove heat from the die is different
for each package type and, therefore, presents different
considerations in the printed circuit-board layout. The PCB
area around the device that is free of other components
moves the heat from the device to the ambient air. While it
is difficult-to-impossible to quantify all of the variables in a
thermal design of this type, performance data for several
configurations are shown in Figure 7.
Power dissipation depends on input voltage, load condition,
and duty cycle. Power dissipation is equal to the product of
the average output current times the voltage across the
output element, VIN to VOUT voltage drop.
Power dissipation can be minimized by using the lowest
possible input voltage necessary to assure the required
output voltage.
REGULATOR MOUNTING
Solder pad footprint recommendations for the various
REG101 devices are presented in the Application Bulletin
AB-132, “Solder Pad Recommendations for Surface-Mount
Devices” (SBFA015), available from the Texas Instruments
web site (www.ti.com).
1.2
1.0
0.8
0.6
0.4
0.3
0
0
25
50
75
100
125
Ambient Temperature (
°C)
CONDITIONS
SOT23-5
SO-8
PACKAGE
JA
SOT23-5
200
°C/W
SO-8
150
°C/W
θ
P= V
– V
I
D
IN
OUT
OUT(AVG)
()•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com