Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REG101 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # REG101
Description  DMOS 100mA Low-Dropout Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REG101 Datasheet(HTML) 1 Page - Texas Instruments

  REG101 Datasheet HTML 1Page - Texas Instruments REG101 Datasheet HTML 2Page - Texas Instruments REG101 Datasheet HTML 3Page - Texas Instruments REG101 Datasheet HTML 4Page - Texas Instruments REG101 Datasheet HTML 5Page - Texas Instruments REG101 Datasheet HTML 6Page - Texas Instruments REG101 Datasheet HTML 7Page - Texas Instruments REG101 Datasheet HTML 8Page - Texas Instruments REG101 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
DMOS
100mA Low-Dropout Regulator
FEATURES
q NEW DMOS TOPOLOGY:
Ultra Low Dropout Voltage:
60mV typ at 100mA
Output capacitor NOT required for stability
q FAST TRANSIENT RESPONSE
q VERY LOW NOISE: 23
µVrms
q HIGH ACCURACY:
±1.5% max
q HIGH EFFICIENCY:
IGND = 500µA at IOUT = 100mA
Not Enabled: IGND = 10nA
q 2.5V, 2.8V, 2.85V, 3.0V, 3.3V, 5.0V, AND
ADJUSTABLE OUTPUT VERSIONS
q OTHER OUTPUT VOLTAGES AVAILABLE UPON
REQUEST
q FOLDBACK CURRENT LIMIT
q THERMAL PROTECTION
q SMALL SURFACE-MOUNT PACKAGES:
SOT23-5 and SO-8
APPLICATIONS
q PORTABLE COMMUNICATION DEVICES
q BATTERY-POWERED EQUIPMENT
q PERSONAL DIGITAL ASSISTANTS
q MODEMS
q BAR-CODE SCANNERS
q BACKUP POWER SUPPLIES
DESCRIPTION
The REG101 is a family of low-noise, low-dropout linear
regulators with low ground pin current. Its new DMOS
topology provides significant improvement over previous
designs, including low dropout voltage (only 60mV typ at
full load), and better transient performance. In addition, no
output capacitor is required for stability, unlike conventional
low-dropout regulators that are difficult to compensate and
require expensive low ESR capacitors greater than 1
µF.
Typical ground pin current is only 500
µA (at I
OUT = 100mA)
and drops to 10nA when not in enabled mode. Unlike regula-
tors with PNP pass devices, quiescent current remains rela-
tively constant over load variation and under dropout condi-
tions.
The REG101 has very low output noise (typically 23
µVrms
for VOUT = 3.3V with CNR = 0.01µF), making it ideal for use
in portable communications equipment. Accuracy is main-
tained over temperature, line, and load variations. Key
parameters are tested over the specified temperature range
(–40
°C to +85°C).
The REG101 is well protected—internal circuitry provides a
current limit that protects the load from damage. Thermal
protection circuitry keeps the chip from being damaged by
excessive temperature. The REG101 is available in the
SOT23-5 and the SO-8 packages.
REG101
(Fixed Voltage
Versions)
Enable
Gnd
0.1
µF
C
OUT
(1)
+
+
V
OUT
V
IN
NR
NR = Noise Reduction
NOTE: (1) Optional.
REG101-A
Gnd
Enable
0.1
µF
+
C
OUT
(1)
+
V
OUT
V
IN
R
2
R
1
Adj
REG1
01
REG101
SBVS026C – JULY 2001
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2000, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - REG101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REG101 TI-REG101 Datasheet
400Kb / 18P
DMOS 100mA Low-Dropout Regulator
REG101 TI2-REG101 Datasheet
768Kb / 25P
DMOS 100mA Low-Dropout Regulator
REVISED SEPTEMBER 2005
REG101-25 TI1-REG101-25 Datasheet
797Kb / 23P
100mA Low-Dropout Regulator
REG101-A TI-REG101-A Datasheet
400Kb / 18P
DMOS 100mA Low-Dropout Regulator
REG101NA-2.5/250 TI-REG101NA-2.5/250 Datasheet
400Kb / 18P
DMOS 100mA Low-Dropout Regulator
More results

Similar Description - REG101

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1720 AIC-AIC1720 Datasheet
181Kb / 5P
100mA Low Dropout Linear Regulator
logo
Micrel Semiconductor
LP2950 MICREL-LP2950 Datasheet
135Kb / 14P
100mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2931 SIPEX-SPX2931 Datasheet
85Kb / 8P
100mA Low Dropout Voltage Regulator
logo
Texas Instruments
REG101 TI-REG101_05 Datasheet
400Kb / 18P
DMOS 100mA Low-Dropout Regulator
logo
Advanced Monolithic Sys...
AMS2931 ADMOS-AMS2931_08 Datasheet
78Kb / 9P
100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
LP2950 MICREL-LP2950_08 Datasheet
929Kb / 17P
100mA Low-Dropout Voltage Regulator
MIC5200 MICREL-MIC5200_05 Datasheet
179Kb / 10P
100mA Low-Dropout Regulator
MIC5202 MICREL-MIC5202_06 Datasheet
135Kb / 7P
Dual 100mA Low-Dropout Regulator
logo
Texas Instruments
REG101-25 TI1-REG101-25 Datasheet
797Kb / 23P
100mA Low-Dropout Regulator
logo
Micrel Semiconductor
MIC5202 MICREL-MIC5202_13 Datasheet
1Mb / 10P
Dual, 100mA Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com