Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REG101 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # REG101
Description  DMOS 100mA Low-Dropout Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REG101 Datasheet(HTML) 11 Page - Texas Instruments

Back Button REG101 Datasheet HTML 5Page - Texas Instruments REG101 Datasheet HTML 6Page - Texas Instruments REG101 Datasheet HTML 7Page - Texas Instruments REG101 Datasheet HTML 8Page - Texas Instruments REG101 Datasheet HTML 9Page - Texas Instruments REG101 Datasheet HTML 10Page - Texas Instruments REG101 Datasheet HTML 11Page - Texas Instruments REG101 Datasheet HTML 12Page - Texas Instruments REG101 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
REG101
11
SBVS026C
FIGURE 4. Block Diagram.
FIGURE 5. Output Noise versus Noise Reduction Capacitor.
ENABLE
The Enable pin is active HIGH and compatible with stan-
dard TTL-CMOS levels. Inputs below 0.5V (max) turn the
regulator off and all circuitry is disabled. Under this condi-
tion, ground pin current drops to approximately 10nA. When
a pull-up resistor is used, and operation down to VIN = 1.8V
is required, use values < 50k
Ω.
OUTPUT NOISE
A precision band-gap reference is used for the internal
reference voltage, VREF. This reference is the dominant
noise source within the REG101 and it generates approxi-
mately 29
µVrms in the 10Hz to 100kHz bandwidth at the
reference output. The regulator control loop gains up the
reference noise, so that the noise voltage of the regulator is
approximately given by:
V = 29 Vrms
R+ R
R2
Vrms •
V
V
N
1
2
OUT
REF
µµ
= 29
Since the value of VREF is 1.267V, this relationship reduces to:
V= 23
Vrms
V
V
N
OUT
µ
•
Connecting a capacitor, CNR, from the Noise Reduction (NR)
pin to ground, as shown in Figure 4, forms a low-pass filter for
the voltage reference. For CNR = 10nF, the total noise in the
10Hz to 100kHz bandwidth is reduced by approximately a
factor of 2.8 for VO = 3.3V. This noise reduction effect is
shown in Figure 5 and as “RMS Noise Voltage vs CNR” in the
Typical Characteristics section.
Noise can be further reduced by carefully choosing an
output capacitor, COUT. Best overall noise performance is
achieved with very low (< 0.22
µF) or very high (> 2.2µF)
values of COUT. See “RMS Noise Voltage vs COUT” in the
Typical Characteristics section.
The REG101 utilizes an internal charge pump to develop an
internal supply voltage sufficient to drive the gate of the
DMOS pass element above VIN. The charge-pump switch-
ing noise (nominal switching frequency = 2MHz) is not
measurable at the output of the regulator over most values of
COUT and IOUT.
The REG101 adjustable version does not have the noise-
reduction pin available, however, the adjust pin is the sum-
ming junction of the error amplifier. A capacitor, CFB,
connected from the output to the adjust pin will reduce both
the output noise and the peak error from a load transient. See
the typical characteristics for output noise performance.
Over Current
Over Temp
Protection
V
REF
(1.26V)
Low Noise
Charge Pump
DMOS
Pass
Transistor
R
1
NOTE: R
1 and R2 are internal
on fixed output versions.
V
OUT
Adj
(Adjustable
Versions)
R
2
NR
(fixed output
versions only)
Enable
REG101
V
IN
C
NR
(optional)
110
1k
100
10k
110
100
90
80
70
60
50
40
30
20
C
NR (pF)
RMS NOISE VOLTAGE vs C
NR
C
NR = 0µF
10Hz < BW < 100kHz
REG101-5.0
REG101-2.5
REG101-3.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com