Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REG101 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # REG101
Description  DMOS 100mA Low-Dropout Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REG101 Datasheet(HTML) 7 Page - Texas Instruments

Back Button REG101 Datasheet HTML 3Page - Texas Instruments REG101 Datasheet HTML 4Page - Texas Instruments REG101 Datasheet HTML 5Page - Texas Instruments REG101 Datasheet HTML 6Page - Texas Instruments REG101 Datasheet HTML 7Page - Texas Instruments REG101 Datasheet HTML 8Page - Texas Instruments REG101 Datasheet HTML 9Page - Texas Instruments REG101 Datasheet HTML 10Page - Texas Instruments REG101 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
REG101
7
SBVS026C
TTYPICAL CHARACTERISTICS (Cont.)
For all models, at TJ = +25°C and VENABLE = 1.8V, unless otherwise noted.
10
100
1k
10k
100k
10
1
0.1
0.01
Frequency (Hz)
NOISE SPECTRAL DENSITY
I
OUT = 100mA
C
NR = 0µF
C
OUT = 1µF
C
OUT = 0µF
C
OUT = 10µF
10
100
1k
10k
100k
10
1
0.1
0.01
Frequency (Hz)
NOISE SPECTRAL DENSITY
I
OUT = 100mA
C
NR = 0.01µF
C
OUT = 1µF
C
OUT = 0µF
C
OUT = 10µF
00.1
0.4
0.2
0.3
0.5
0.6
0.7
1
0.8
0.9
30
25
20
15
10
5
0
V
IN - VOUT (V)
RIPPLE REJECTION vs (V
IN – VOUT)
REG101-3.3
Frequency = 100kHz
C
OUT = 10µF
I
OUT = 100mA
0.1
110
60
50
40
30
20
10
0
C
OUT (µF)
RMS NOISE VOLTAGE vs C
OUT
REG101-5.0
REG101-3.3
REG101-2.5
C
NR = 0.01µF
10Hz < BW < 100kHz
110
1k
100
10k
110
100
90
80
70
60
50
40
30
20
C
NR (pF)
RMS NOISE VOLTAGE vs C
NR
C
NR = 0µF
10Hz < BW < 100kHz
REG101-5.0
REG101-2.5
REG101-3.3
10
100
1k
10k
100k
10M
1M
80
70
60
50
40
30
20
10
0
Frequency (Hz)
RIPPLE REJECTION vs FREQUENCY
I
OUT = 2mA
I
OUT = 100mA
I
OUT = 2mA
C
OUT = 10µF
I
OUT = 100mA
C
OUT = 10µF
C
OUT = 0µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com