Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS10.481 Datasheet(PDF) 5 Page - Red Lion Controls. Inc

Part # CS10.481
Description  POWER SUPPLY
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

CS10.481 Datasheet(HTML) 5 Page - Red Lion Controls. Inc

  CS10.481 Datasheet HTML 1Page - Red Lion Controls. Inc CS10.481 Datasheet HTML 2Page - Red Lion Controls. Inc CS10.481 Datasheet HTML 3Page - Red Lion Controls. Inc CS10.481 Datasheet HTML 4Page - Red Lion Controls. Inc CS10.481 Datasheet HTML 5Page - Red Lion Controls. Inc CS10.481 Datasheet HTML 6Page - Red Lion Controls. Inc CS10.481 Datasheet HTML 7Page - Red Lion Controls. Inc CS10.481 Datasheet HTML 8Page - Red Lion Controls. Inc CS10.481 Datasheet HTML 9Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
CS10.481
C–Series
48V, 5A, SINGLE PHASE INPUT
Nov. 2006 / Rev.1.1 DS-CS10.481-EN
All parameters are specified at 48V, 5A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
5/20
8. OUTPUT
Output voltage
nom.
48V
Adjustment range
min.
48-52V
guaranteed
max.
60V
at clockwise end position of potentiometer
Factory setting
48.0V
±0.2%, at full load, cold unit
Line regulation
max.
70mV
90 to 132Vac or 180 to 264Vac
Load regulation
max.
100mV
static value, 0A
10A
0A
Ripple and noise voltage
max.
100mVpp
20Hz to 20MHz, 50Ohm
Output capacitance
typ.
3 100µF
Output current
nom.
6A
at 48V, ambient < 45°C, see Fig. 8-1
nom.
5A
at 48V, ambient < 60°C, see Fig. 8-1
nom.
5.5A
at 52V, ambient < 45°C, see Fig. 8-1
nom.
4.6A
at 52V, ambient < 60°C, see Fig. 8-1
Output power
nom.
288W
ambient < 45°C
nom.
240W
ambient < 60°C
Short-circuit current
min.
7A
load impedance 100mOhm, see Fig. 8-1
max.
9A
load impedance 100mOhm, see Fig. 8-1
Fig. 8-1 Output voltage vs. output current, typ.
Output Voltage
0
02
4
6
8
10
20
60V
30
40
50
10A
5
3
17
9
Adjustment
Range
Output Current
+60°C
+25°C
-25°C
48V
52V
Peak current capability (up to several ms)
The power supply can deliver a peak current which is higher than the specified short term current. This helps to start
current demanding loads or to safely operate subsequent circuit breakers.
The extra current is supplied by the output capacitors inside the power supply. During this event, the capacitors will
be discharged and causes a voltage dip on the output. Detailed curves can be found in chapter 25.1.
Peak current voltage dips
typ.
from 48V to 38 V
at 10A for 50ms, resistive load
typ.
from 48V to 35V
at 25A for 2ms, resistive load
typ.
from 48V to 28V
at 25A for 5ms, resistive load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com