Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS10.481 Datasheet(PDF) 1 Page - Red Lion Controls. Inc

Part # CS10.481
Description  POWER SUPPLY
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

CS10.481 Datasheet(HTML) 1 Page - Red Lion Controls. Inc

  CS10.481 Datasheet HTML 1Page - Red Lion Controls. Inc CS10.481 Datasheet HTML 2Page - Red Lion Controls. Inc CS10.481 Datasheet HTML 3Page - Red Lion Controls. Inc CS10.481 Datasheet HTML 4Page - Red Lion Controls. Inc CS10.481 Datasheet HTML 5Page - Red Lion Controls. Inc CS10.481 Datasheet HTML 6Page - Red Lion Controls. Inc CS10.481 Datasheet HTML 7Page - Red Lion Controls. Inc CS10.481 Datasheet HTML 8Page - Red Lion Controls. Inc CS10.481 Datasheet HTML 9Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
CS10.481
C–Series
48V, 5A, SINGLE PHASE INPUT
Nov. 2006 / Rev.1.1 DS-CS10.481-EN
All parameters are specified at 48V, 5A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
1/20
POWER SUPPLY
■
AC 100-120 / 200-240V Auto Select Input
■
Efficiency up to 91.6%
■
Width only 60mm
■
20% Output Power Reserves
■
Full Output Power Between -25°C and +60°C
■
Minimal Inrush Current Surge
■
3 Year Warranty
1. GENERAL DESCRIPTION
2. SHORT-FORM DATA
Output voltage
DC 48V
Adjustment range
48 - 52V
Output current
5.0 – 4.6A
ambient <60°C
6.0 – 5.5A
ambient <45°C
Output power
240W
ambient <60°C
288W
ambient <45°C
Output ripple
< 100mVpp
20Hz to 20MHz
Input voltage
AC 100-120 /
200-240V
Auto-select Input
Mains frequency
50-60Hz
±6%
AC Input current
typ. 3.73 / 2.23A
at 120 / 230Vac
Power factor
typ. 0.59 / 0.51
at 120 / 230Vac
AC Inrush current
typ. 3A peak
DC Input
not allowed
Efficiency
typ. 91.0 / 91.6% at 120 / 230Vac
Losses
typ. 23.7 / 22.0W at 120 / 230Vac
Temperature range -25°C to +70°C
operational
Derating
6W/°C
+60 to +70°C
Hold-up time
typ. 46 / 47ms
at 120 / 230Vac
Dimensions
60x124x117mm
WxHxD
The Dimension C-Series are cost optimized power
supplies without compromising quality, reliability
and performance. The C-Series is part of the
Dimension power supply family, existing alongside
the high featured Q-series.
The C series includes all the essential basic functions
and the devices have a power reserve of 20%. This
extra current may even be used continuously at
temperatures up to +45°C. The most important
features are the small size, the high efficiency and
the wide temperature range.
The Auto-select input makes worldwide installation
and usage very simple. Defects or system failures
caused by wrongly set switches can not occur.
CS10.241
CS10.244
CS10.242
CS10.481
CS10.243
CS5.241
CS10.241-S1
Less
power
PFC
inductor
C-Series
Related products
48V
output
only
100-120V
only
200-240V
Spring-clamp
terminals
3. ORDER NUMBERS
4. MARKINGS
Power Supply CS10.481
Standard unit, 48Vdc
IND. CONT. EQ.
18WM
LISTED
UL 508
UL 60950-1
GL
Marine, pending
Accessory
ZM1.WALL
Wall mount bracket
ZM13.SIDE
Side mount bracket
YRM2.DIODE
Redundancy module
EMC, LVD


Similar Part No. - CS10.481

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
CS10.481 PULS-CS10.481 Datasheet
675Kb / 26P
48V, 5A, SINGLE PHASE INPUT
More results

Similar Description - CS10.481

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
RF-7850A-PS001 HARRIS-RF-7850A-PS001 Datasheet
79Kb / 2P
Power Supply
logo
LinkCom Manufacturing C...
45-LCCE LINKCOM-45-LCCE Datasheet
532Kb / 4P
Power Supply
75-LCCEA LINKCOM-75-LCCEA Datasheet
493Kb / 5P
Power Supply
80-LCCH LINKCOM-80-LCCH Datasheet
535Kb / 4P
Power Supply
300-LCVH LINKCOM-300-LCVH Datasheet
505Kb / 5P
Power Supply
DTW LINKCOM-DTW Datasheet
491Kb / 5P
Power Supply
HVO LINKCOM-HVO Datasheet
1Mb / 9P
Power Supply
logo
Pepperl+Fuchs Inc.
K26-STR-24VDC-2A PF-K26-STR-24VDC-2A Datasheet
1Mb / 4P
Power supply
FB9205C PF-FB9205C Datasheet
493Kb / 3P
Power supply
FB9215B2 PF-FB9215B2 Datasheet
501Kb / 3P
Power supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com