Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS10.481 Datasheet(PDF) 17 Page - Red Lion Controls. Inc

Part # CS10.481
Description  POWER SUPPLY
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

CS10.481 Datasheet(HTML) 17 Page - Red Lion Controls. Inc

Back Button CS10.481 Datasheet HTML 12Page - Red Lion Controls. Inc CS10.481 Datasheet HTML 13Page - Red Lion Controls. Inc CS10.481 Datasheet HTML 14Page - Red Lion Controls. Inc CS10.481 Datasheet HTML 15Page - Red Lion Controls. Inc CS10.481 Datasheet HTML 16Page - Red Lion Controls. Inc CS10.481 Datasheet HTML 17Page - Red Lion Controls. Inc CS10.481 Datasheet HTML 18Page - Red Lion Controls. Inc CS10.481 Datasheet HTML 19Page - Red Lion Controls. Inc CS10.481 Datasheet HTML 20Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
CS10.481
C–Series
48V, 5A, SINGLE PHASE INPUT
Nov. 2006 / Rev.1.1 DS-CS10.481-EN
All parameters are specified at 48V, 5A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
17/20
25.3. BACK-FEEDING LOADS
Loads such as decelerating motors and inductors can feed voltage back to the power supply. This feature is also called
return voltage immunity or resistance against Back- E.M.F. (Electro Magnetic Force).
This power supply is resistant and does not show malfunctioning when a load feeds back voltage to the power
supply. It does not matter, whether the power supply is on or off.
The maximum allowed feed back voltage is 63Vdc. The absorbing energy can be calculated according to the built-in
large sized output capacitor which is specified in chapter 8.
25.4. OUTPUT CIRCUIT BREAKERS
Standard miniature circuit breakers (MCBs) can be used for branch protection. Ensure that the MCB is rated for DC
voltage, too. The following tests show which circuit breakers the power supply typically trips.
Circuit breakers have huge tolerances in their tripping behavior. Therefore, these typical tests can only be used as a
recommendation or for comparing two different power supplies. Furthermore, the loop impedance has a major
influence on whether a breaker trips or not. Two tests were performed, representing typical situations:
Test 1: Short circuit with S1 on the power supply end of the cable (loop impedance approx. 20mOhm)
Fig. 25-3 Branch protectors, test circuit 1
Circuit
Breaker
Power
Supply
AC
DC
+
-
I
Load
+
-
S1
Parameters:
Input voltage:
230Vac, load current:
0A
The following circuit breaker tripped during the test:
A- or Z- Characteristic::
equal or smaller 25A
B- Characteristic:
equal or smaller 16A
C- Characteristic:
equal or smaller 10A
Test 2: Short circuit with S1 on the load end (additional impedance included; represents longer load wire length).
Fig. 25-4 Branch protectors, test circuit 2
R
Circuit
Breaker
Power
Supply
AC
DC
+
-
I
S1
Load
+
-
Parameters:
Input voltage:
230Vac, load current:
0A
The following circuit breaker tripped during the test:
A- or Z- Characteristic::
≤ 16A and R= 82mOhm
B- Characteristic:
≤ 6A and R= 180mOhm
C- Characteristic:
≤ 6A and R= 180mOhm
What does this resistance mean in wire length?
0.5mm
2
0.7mm
2
1.0mm
2
1.5mm
2
2.5mm
2
4.0mm
2
82mOhm
2.3m
3.2m
4.6m
6.9m
11.4m
18.3m
180mOhm
5.0m
7.0m
10.0m
15.0m
25.1m
40.1m
Example:
Which wire gauge must be used to trip a B-Characteristic circuit breaker with a rating of 6A? The load wire length is
21m.
Answer: A 6A B-Characteristic circuit breaker requires a loop impedance of less than 180mOhm (test results). The wire
length table shows that up to 25.1m wire with a cross section of 2.5mm
2 are below 180mOhm. A wire not smaller
than 2.5mm
2 shall be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com