Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS10.481 Datasheet(PDF) 13 Page - Red Lion Controls. Inc

Part # CS10.481
Description  POWER SUPPLY
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

CS10.481 Datasheet(HTML) 13 Page - Red Lion Controls. Inc

Back Button CS10.481 Datasheet HTML 9Page - Red Lion Controls. Inc CS10.481 Datasheet HTML 10Page - Red Lion Controls. Inc CS10.481 Datasheet HTML 11Page - Red Lion Controls. Inc CS10.481 Datasheet HTML 12Page - Red Lion Controls. Inc CS10.481 Datasheet HTML 13Page - Red Lion Controls. Inc CS10.481 Datasheet HTML 14Page - Red Lion Controls. Inc CS10.481 Datasheet HTML 15Page - Red Lion Controls. Inc CS10.481 Datasheet HTML 16Page - Red Lion Controls. Inc CS10.481 Datasheet HTML 17Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
CS10.481
C–Series
48V, 5A, SINGLE PHASE INPUT
Nov. 2006 / Rev.1.1 DS-CS10.481-EN
All parameters are specified at 48V, 5A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
13/20
19. APPROVALS
IEC 60950-1
IECEE
CB SCHEME
CB Scheme,
Information Technology Equipment
UL 508
IND. CONT. EQ.
18WM
LISTED
LISTED as Industrial Control Equipment
E198865
UL 60950-1
RECOGNIZED E137006
recognized for the use in U.S.A. (UL 60950-
1) and Canada (C22.2 No. 60950)
Information Technology Equipment, Level 5
Marine
pending
GL
ABS
GL (Germanischer Lloyd) classified and ABS (American Bureau for
Shipping) PDA for marine and offshore applications.
Environmental category: C, EMC2
20. FULFILLED STANDARDS
EN 61558-2-17
Safety of Power Transformers
EN/IEC 60204-1
Safety of Electrical Equipment of Machines
EN/IEC 61131-2
Programmable Controllers
EN 50178
Electronic Equipment in Power Installations
21. USED SUBSTANCES
The unit does not release any silicone and is suitable for the use in paint shops.
Electrolytic capacitors included in this unit do not use electrolytes such as Quaternary Ammonium Salt Systems.
Plastic housings and other molded plastic materials are free of halogens, wires and cables are not PVC insulated.
The production material within our production does not include following toxic chemicals:
Polychlorized Biphenyl (PCB), Polychlorized Terphenyl (PCB), Pentachlorophenol (PCP), Polychlorinated naphthalene
(PCN), Polybrom Biphenyl (PBB), Polybrom Bipheny-oxyd (PBO), Polybrominated Diphenylether (PBDE), Polychlorinated
Diphenylether (PCDE), Polydibromphenyl Oxyd (PBDO), Cadmium, Asbest, Mercury, Silicia



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com