Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS10.481 Datasheet(PDF) 10 Page - Red Lion Controls. Inc

Part # CS10.481
Description  POWER SUPPLY
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

CS10.481 Datasheet(HTML) 10 Page - Red Lion Controls. Inc

Back Button CS10.481 Datasheet HTML 6Page - Red Lion Controls. Inc CS10.481 Datasheet HTML 7Page - Red Lion Controls. Inc CS10.481 Datasheet HTML 8Page - Red Lion Controls. Inc CS10.481 Datasheet HTML 9Page - Red Lion Controls. Inc CS10.481 Datasheet HTML 10Page - Red Lion Controls. Inc CS10.481 Datasheet HTML 11Page - Red Lion Controls. Inc CS10.481 Datasheet HTML 12Page - Red Lion Controls. Inc CS10.481 Datasheet HTML 13Page - Red Lion Controls. Inc CS10.481 Datasheet HTML 14Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
CS10.481
C–Series
48V, 5A, SINGLE PHASE INPUT
Nov. 2006 / Rev.1.1 DS-CS10.481-EN
All parameters are specified at 48V, 5A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
10/20
EMC Emission
EN 61000-6-4
Generic standards
Conducted emission
EN 55011, EN 55022, FCC Part 15, CISPR 11, CISPR 22
Class B, input lines
EN 55022
Class A, output lines
Radiated emission
EN 55011, EN 55022
Class B
Harmonic input current
EN 61000-3-2
not fulfilled
Voltage fluctuations, flicker
EN 61000-3-3
fulfilled
This device complies with FCC Part 15 rules.
Operation is subjected to following two conditions: (1) this device may not cause harmful interference, and (2) this
device must accept any interference received, including interference that may cause undesired operation.
The power supply does not fulfill the harmonic current standard EN61000-3-2.
Please note:
A power supply has to comply with EN 61000-3-2 (Standard for harmonic input current) when:
1) the end-device is used within the European Union and
2) the end-device is connected to a public mains supply with a nominal voltage
≥ 220Vac and
3) the power supply is:
- fitted in an end-device with an average input power in excess of 75W or
- fitted in an end-device with a continuous input power in excess of 75W or
- part of a lighting system.
Exceptions:
End-devices for professional applications with an input power > 1000W do not need to fulfill EN 61000-3-2.
Comments:
- The average input power must be determined in accordance with EN 61000-3-2.
- Industrial mains supplies with their own transformer are considered to be “non-public”.
- Where individual self-contained items of equipment are installed in a rack or case
(e.g. devices connected in parallel), they are regarded as being individually connected to the
mains supply. The rack or case need not be tested as a whole. Alternatively it is also permitted
to assess the whole rack or case. This is recommended for devices used in professional
applications with an input power greater than 1000W.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com