Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY89834U Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # SY89834U
Description  2.5V/3.3V TWO INPUT , 1GHz LVTTL/CMOS-TO-LVPECL 1:4 FANOUT BUFFER/TRANSLATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89834U Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button SY89834U Datasheet HTML 2Page - Micrel Semiconductor SY89834U Datasheet HTML 3Page - Micrel Semiconductor SY89834U Datasheet HTML 4Page - Micrel Semiconductor SY89834U Datasheet HTML 5Page - Micrel Semiconductor SY89834U Datasheet HTML 6Page - Micrel Semiconductor SY89834U Datasheet HTML 7Page - Micrel Semiconductor SY89834U Datasheet HTML 8Page - Micrel Semiconductor SY89834U Datasheet HTML 9Page - Micrel Semiconductor SY89834U Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
PRELIMINARY
Precision Edge™
SY89834U
Micrel
DIFFERENTIAL INPUT
R
25k
GND
IN1
IN2
SEL
EN
VCC
R
Figure 3. Simplified TTL/CMOS Input Buffer
Part Number
Function
Data Sheet Link
SY89830U
2.5V/3.3V/5V 2.5GHz 1:4 PECL/ECL
Clock Driver with 2:1 Differential Input Mux
http://www.micrel.com/product-info/products/sy89830u.shtml
SY89831U
2GHz Ultra Low-Jitter and Skew 1:4 LVPECL
Fanout Buffer/Translator w/ Internal Termination
http://www.micrel.com/product-info/products/sy89831u.shtml
SY89832U
2GHz Ultra Low-Jitter and Skew 1:4 LVPECL
Fanout Buffer/Translator w/ Internal Termination
http://www.micrel.com/product-info/products/sy89832u.shtml
SY89833U
2GHz Any Differential INPUT-to-LVDS Out
1:4 Fanout Buffer Translator w/ Internal Termination
http://www.micrel.com/product-info/products/sy89833u.shtml
16-MLF™ Manufacturing Guidelines
http://www.amkor.com/products/notes-papers/
Exposed Pad Application Note
MLF-appnote-0301.pdf
HBW Solutions
New Products + Termination App Note
http://www.micrel.com/product-info/as/solutions.shtml
RELATED PRODUCTS AND SUPPORT DOCUMENTATION



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com